Electronic Components Datasheet Search
  English  ▼

X  

AT209S Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AT209S
Description  PCI Arbiter and Clock Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AT209S Datasheet(HTML) 1 Page - Analog Microelectronics

  AT209S Datasheet HTML 1Page - Analog Microelectronics AT209S Datasheet HTML 2Page - Analog Microelectronics AT209S Datasheet HTML 3Page - Analog Microelectronics AT209S Datasheet HTML 4Page - Analog Microelectronics AT209S Datasheet HTML 5Page - Analog Microelectronics AT209S Datasheet HTML 6Page - Analog Microelectronics AT209S Datasheet HTML 7Page - Analog Microelectronics AT209S Datasheet HTML 8Page - Analog Microelectronics AT209S Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AME, Inc.
Rev.A.01
1
AT209S
PCI Arbiter and Clock Buffer
l PCI Arbiter
Extend PCI Devices from One to Three
l PCI Clock Frequency
Support PCI Clock range from 25MHz to
66MHz
l Zero delay buffer
Generate four zero delay clock sources
Support frequency range from 25MHz to
66MHz
The AT209S is an integrated device that contains a PCI
Arbiter and a Clock Buffer. PCI Arbiter extends system
PCI devices without piecing other circuit to simplify de-
sign complexity and increase systems stability.
PCI Arbiter also provides STOP# input pin with that
extended PCI devices instruct the master to prematurely
end the transaction on the current data phase same as
one in PCI specification.
Clock Buffer is a high performance and low jitter zero
delay buffer that provides synchronization between the
input and output. The synchronization is established via
CLKO feed back to the input of a build-in PLL.
PCICLKI is the clock input of the Clock Buffer. In the
absence of PCICLKI input, will be in the power down mode.
In this mode, the PLL is turned off and the output buffers
are pulled low. Power down mode provides the lowest
power consumption for a standby condition.
n General Description
n Features
l All AME's Lead Free Products Meet RoHS
Standards


Similar Part No. - AT209S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT209 ETC2-AT209 Datasheet
3Mb / 33P
Accessories Hardware
AT209 ETC-AT209 Datasheet
3Mb / 34P
Accessories Hardware
More results

Similar Description - AT209S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002P PHILIPS-PCK2002P Datasheet
74Kb / 8P
140 MHz PCI-X clock buffer
2001 May 09
logo
Texas Instruments
CDCV304 TI-CDCV304 Datasheet
112Kb / 8P
140-MHz PCI-X CLOCK BUFFER
logo
Integrated Device Techn...
MPC905 IDT-MPC905 Datasheet
381Kb / 7P
1:6 PCI Clock Generator/Fanout Buffer
logo
Analog Microelectronics
AT123S AME-AT123S Datasheet
41Kb / 5P
PCI Arbiter
logo
Actel Corporation
A54SX16-2 ACTEL-A54SX16-2 Datasheet
75Kb / 4P
PCI Arbiter Core
logo
NXP Semiconductors
PCK2002PL NXP-PCK2002PL Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPWDH-T NXP-PCK2002PLPWDH-T Datasheet
58Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
PCK2002PLPW PHILIPS-PCK2002PLPW Datasheet
66Kb / 8P
533 MHz PCI-X clock buffer
2002 Oct 10
logo
Pericom Semiconductor C...
PI6C20800S PERICOM-PI6C20800S_10 Datasheet
619Kb / 10P
PCI Express 1:8 HCSL Clock Buffer
logo
Xilinx, Inc
DS495 XILINX-DS495 Datasheet
625Kb / 12P
PCI Arbiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com