Electronic Components Datasheet Search
  English  ▼

X  

10166 Datasheet(PDF) 1 Page - Atom Lighting

Part # 10166
Description  AT6024
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10166 Datasheet(HTML) 1 Page - Atom Lighting

  10166 Datasheet HTML 1Page - Atom Lighting 10166 Datasheet HTML 2Page - Atom Lighting 10166 Datasheet HTML 3Page - Atom Lighting 10166 Datasheet HTML 4Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AT6024
Power Adjustable LED Backlit Panel, Tri-CCT
Easy-to-install with flex and plug
LED driver included
Tri-Colour (3000K, 4000K, 5700K)
Power adjustable (23W, 25W, 27W and 29W
options)
Low glare with UGR<19
Upgradeable with DALI-2 dimmable driver (not
included)
ORDERING INFORMATION
Order code
10166
Description
29W Low Glare LED Panel -
TRI-CCT
Driver Power
29 W
Item Code
AT6024/312/TRI
EFFICIENCIES
Total System Efficiency
120 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
MECHANICAL
Adjustability
Fixed
Body Material
Steel
Diffuser Material
Polystyrene
Product Finish
Powdercoated
Fitting Colour
White
IC Rating
IC-4
IC-4 rating has been conducted at the products maximum
working Temperature Range (C) in line with Australian
standards. This provides the required safety when covered
with insulation and used in Australian Environments.
Installation Type
Recessed
IP Rating
IP50
ELECTRICAL
Electrical Rating
Class III
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
29 W
Working Temp Range
40 °C
LAMP
Beam Angle
90 °
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
Number of Lamps
1
UGR
<19
LED LIFETIME
TM-21 Test Hours
12000 hrs
COLOUR TEMPERATURE
23 Watts
Warm White (3000 K)
2700 lm
Cool White (4000 K)
2900 lm
DayLight (5700 K)
2700 lm
29 Watts
Warm White (3000 K)
3200 lm
Cool White (4000 K)
3500 lm
DayLight (5700 K)
3250 lm
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 10166

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
10166 FESTO-10166 Datasheet
103Kb / 2P
Air solenoid valve
logo
Heyco.
10166 HEYCO-10166 Datasheet
115Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
SICK AG
1016628 SICK-1016628 Datasheet
1Mb / 7P
CONTRAST SENSORS
1016629 SICK-1016629 Datasheet
1Mb / 8P
CONTRAST SENSORS
1016630 SICK-1016630 Datasheet
1Mb / 8P
CONTRAST SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com