Electronic Components Datasheet Search
  English  ▼

X  

10166 Datasheet(PDF) 2 Page - Atom Lighting

Part # 10166
Description  AT6024
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

10166 Datasheet(HTML) 2 Page - Atom Lighting

  10166 Datasheet HTML 1Page - Atom Lighting 10166 Datasheet HTML 2Page - Atom Lighting 10166 Datasheet HTML 3Page - Atom Lighting 10166 Datasheet HTML 4Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DRIVER
Dimmable
No
Driver Included
Yes
Integrated Driver
No
Driver Mode
Constant Current
Flex & Plug or Lead Length
1200 mm
Wiring Type
Re-wireable Flex & Plug (2
pin)
PSTLM
0.1
Short Term Light Modulation (PstLM): The requirement is that
PstLM should be less than or equal to 1.0. This metric
measures the short-term flicker severity and ensures that
flicker is not perceptible or is at a level that does not cause
discomfort or health issues.
SVM
0.4
Stroboscopic Visibility Measure (SVM): The requirement for
SVM is that it should be less than or equal to 0.4. The SVM
metric assesses the visibility of the stroboscopic effect, which
can make moving objects appear to be stationary or moving
in discrete steps, thus ensuring that this effect is minimized in
lighting environments to prevent visual discomfort and safety
hazards.
ENERGY SAVINGS SCHEME
Ipart Approval
Yes
REES Approval
Yes
COMPLIANCE
Product Design Life
10 years
The product design life relates to the total product life which
includes LEDs, drivers and the enclosure. This is different to
the LED lifetime which only refers to the economical lifetime
of the LEDs at which time the lumen output has dropped
below the L Value. The product design life is calculated at the
maximum ambient or working temperature of the product
and takes into account the Daily Use.
Daily Use
12 hrs
The Daily Use is the recommended time required to meet the
product's design life. Installations can exceed this time,
however
the
product
design
life
will
be
reduced
proportionally.
Standards
AS/NZS 60598.1
AS/NZS 60598.2.2
AS/NZS 61347.1
AS/NZS 61347.2.13
AS CISPR 15
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
VIP Warranty
2 Onsite, 3 RTB (Total 5
Years)
VIP warranty is available to registered users and is subjected
to additional terms and conditions.
Warranty Operating Hours
15000 hrs
This product is provided with a warranty up until the stated
warranty period or until the stated warranty operating hours
has been reached (whichever occurs first).
DIMENSIONS
Product Length
1195 mm
Product Width
295 mm
LINE DRAWINGS
AT6024/312/TRI
PHOTOMETRICS
AT6024/312/TRI/5700K/23W
Information is subject to change without prior notice. Images are for illustrative purposes only. E&OE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com