Electronic Components Datasheet Search
  English  ▼

X  

D-DSP Datasheet(PDF) 1 Page - Danley Sound Labs. All Rights Reserved.

Part # D-DSP
Description  D Series DSP Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

D-DSP Datasheet(HTML) 1 Page - Danley Sound Labs. All Rights Reserved.

  D-DSP Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. D-DSP Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
© 2023 Danley Sound Labs. All Rights Reserved.
danleysoundlabs.com | 877.419.5805
1
Rev. 2023.03.10
D Series DSP Amplifiers
D14K4-DSP | D8K4-DSP | D5K4-DSP
The Danley Sound Labs D series
amplifiers feature a powerful Class-D
power stage that delivers high output
power, high efficiency, and low heat
generation. They also feature a power-
ful processing suite which includes FIR
filtering, 4 local + 4 additional aux DSP
channels (also supplied to the network)
and optional Dante networking (on
Dante models).
Additionally, the D series amplifiers
feature advanced protection circuitry
that ensures the safety of the equip-
ment and speakers, including over-cur-
rent protection, short circuit protection,
thermal protection, and a soft-start
function to minimize the inrush cur-
rent. The amplifiers also have Danley
loudspeaker presets available for easy
configuration.
The Danley Sound Labs D series ampli-
fiers are ideal for professionals who re-
quire high- quality sound reinforcement
and installation systems. With their
powerful performance, reliable protec-
tion features, and flexible input/output
options, these amplifiers are a reliable
choice for any application.
The Danley Sound Labs D series amplifiers are professional audio amplifiers designed for high-end
sound reinforcement and installation applications. These amplifiers offer exceptional sound quality,
reliability and versatility, making them suitable for a wide range of applications including live sound,
touring, fixed installations and more.
Model
D14K4-DSP
D8K4-DSP
D5K4-DSP
Channels
4
4
4
Output @ 2
Ω
3500W
2000W
1200W
Output @ 2.7
Ω
3700W
2200W
1400W
Output @ 4
Ω
2700W
2000W
1000W
Output @ 8
Ω
1400W
1000W
500W
Bridged @ 4
Ω
7000W
4000W
2400W
Bridged @ 8
Ω
5400W
4000W
2000W
Mains V)
Load (R)
Current Draw (I)
Light
Heavy
Light
Heavy
Light
Heavy
240
4
Ω
4.1
15.7
2.8
10.3
1.7
5.8
240
8
Ω
3.2
9.6
2.2
6.3
1.4
3.7
120
4
Ω
8.7
31.9
5.9
21
3.6
11.7
120
8
Ω
6.9
19.6
4.7
12.9
3.0
7.7
Light = Crest factor of 7.8 (18dB) Heavy= Crest factor of 2.8( 9dB)
Back of D14K4-DSP and D8K4-DSP


Similar Part No. - D-DSP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
D-DK1 STMICROELECTRONICS-D-DK1 Datasheet
5Mb / 7P
Discovery kits with increased-frequency 800 MHz STM32MP157 MPUs
20-Dec-2022
More results

Similar Description - D-DSP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2141L AD-ADSP-2141L Datasheet
257Kb / 39P
DSP
REV.0
ADSP-2186 AD-ADSP-2186 Datasheet
237Kb / 36P
DSP Microcomputer
REV.A
ADSP-2186L1111 AD-ADSP-2186L1111 Datasheet
272Kb / 36P
DSP Microcomputer
REV.B
ADSP-2187L AD-ADSP-2187L Datasheet
223Kb / 32P
DSP Microcomputer
REV.0
logo
Texas Instruments
TMS320LF2407 TI-TMS320LF2407_08 Datasheet
1Mb / 116P
DSP CONTROLLERS
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
logo
List of Unclassifed Man...
561-DSP125 ETC2-561-DSP125 Datasheet
294Kb / 2P
PCB Supports, DSP Series
logo
Texas Instruments
LM49352 TI1-LM49352_14 Datasheet
1Mb / 104P
Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
logo
ON Semiconductor
BELASIGNA200 ONSEMI-BELASIGNA200 Datasheet
1Mb / 43P
DSP
June 2008 ??Rev. 16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com