Electronic Components Datasheet Search
  English  ▼

X  

D-DSP Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # D-DSP
Description  D Series DSP Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

D-DSP Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  D-DSP Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. D-DSP Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
© 2023 Danley Sound Labs. All Rights Reserved.
danleysoundlabs.com | 877.419.5805
2
Rev. 2023.03.10
D Series DSP Amplifiers
D14K4-DSP | D8K4-DSP | D5K4-DSP
Model
D14K4-DSP
D8K4-DSP
D5K4-DSP
Channels
4
4
4
Gain/Sensitivity
32dB / 10.7 dBu
32dB / 8.8 dBu
32dB / 6.2 dBu
Weight
24 lbs - 10.9kg
23 lbs - 10.3kg
22 lbs - 10.0kg
Boxed
27 lbs - 12.4kg
26 lbs - 11.8kg
26 lbs - 12.0kg
Dimensions
3.46”(h) x 18.98”(w) x 16.85” (d) | 88 (h) x 482(w) x 428(d)
Boxed
9.84 x 24.02 x 23.6 | 250 x 610 x 600
Bit Depth & Sample Rate
24 bit ADCs and DACs, 96kHz sampling and processing throughout
AES and Networked Audio
44.1kHz - 192kHz
THD%
@1 1kHz
< 0.08%
|
20 Hz to 20 kHz
<0.1%
Frequency Response
20 Hz-20 kHz
+0/-0.5 dB
Protection Limiters
RMS Fully Variable x 8; Look Ahead (zero overshoot] Peak Limiter x 8
Output short circuit, DC; Over-temperature; Mains in-rush control, over voltage, over current.
Power Supply
100/120V or 220/240V tapped transformer according to customer requirements.
Signal Flow Chart
Back of D5K4-DSP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com