Electronic Components Datasheet Search
  English  ▼

X  

LC94 Datasheet(PDF) 5 Page - Bookham, Inc.

Part # LC94
Description  980nm Pump Laser Module - Grating Stabilized, 300mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC94 Datasheet(HTML) 5 Page - Bookham, Inc.

  LC94 Datasheet HTML 1Page - Bookham, Inc. LC94 Datasheet HTML 2Page - Bookham, Inc. LC94 Datasheet HTML 3Page - Bookham, Inc. LC94 Datasheet HTML 4Page - Bookham, Inc. LC94 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
5
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
BH12841 Rev 1.0 November 2006
©Bookham 2006. Bookham is a registered trademark of Bookham Inc.
North America
Bookham Worldwide
Headquarters
2584 Junction Ave.
San Jose
CA 95134
USA
• Tel: +1 408 919 1500
• Fax: +1 408 919 6083
www.bookham.com
sales@bookham.com
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807
Ordering Information:
LC94ZC74-20R for 100mW device
LC94A74-20R for 200mW device
LC94ZD74-20R for 110mW device
LC94B74-20R for 210mW device
LC94ZE74-20R for 120mW device
LC94C74-20R for 220mW device
LC94ZF74-20R for 130mW device
LC94D74-20R for 230mW device
LC94ZG74-20R for 140mW device
LC94E74-20R for 240mW device
LC94ZH74-20R for 150mW device
LC94F74-20R for 250mW device
LC94ZJ74-20R for 160mW device
LC94G74-20R for 260mW device
LC94ZK74-20R for 170mW device
LC94H74-20R for 270mW device
LC94ZL74-20R for 180mW device
LC94J74-20R for 280mW device
LC94ZM74-20R for 190mW device
LC94K74-20R for 290mW device
LC94L74-20R for 300mW device
REFERENCE IEC 60825-Edition 1.2
INVISIBLE LASER RADIATION
AVOID EXPOSURE TO BEAM
CLASS 3B PRODUCT
Maximum Power <490mW
Wavelength >970nm
INVISIBLE LASER RADIATION -
AVOID DIRECT EXPOSURE TO BEAM
MAX POWER < 490mW
WAVELENGTH > 970nm
CLASS IIIb LASER PRODUCT
THIS PRODUCT COMPLIES WITH 21CFR 1040.10
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
ISO14001:1996
EMS 504193
TL9000 Rev 3.0 (ISO9001:2000)
FM15040



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com