Electronic Components Datasheet Search
  English  ▼

X  

LC94 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # LC94
Description  980nm Pump Laser Module - Grating Stabilized, 300mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC94 Datasheet(HTML) 1 Page - Bookham, Inc.

  LC94 Datasheet HTML 1Page - Bookham, Inc. LC94 Datasheet HTML 2Page - Bookham, Inc. LC94 Datasheet HTML 3Page - Bookham, Inc. LC94 Datasheet HTML 4Page - Bookham, Inc. LC94 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Sheet
1
These lasers are designed as pump sources for
Erbium-Doped Fiber Amplifier (EDFA) applications. Processes
and techniques of coupling the fiber to the laser allow high
output powers that are very stable with both time and
temperature. The grating is located in the pigtail to stabilize
the wavelength. Devices are available with kink free output
powers to 300mW. The LC94 series pump module utilises a
double Fiber Bragg Grating design for enhanced wavelength
and power stability performance. This product has been
designed to ensure superior wavelength locking over drive
current, temperature and optical feedback changes.
Features:
• Double Fiber Bragg Grating wavelength stabilization
• High output power, up to 300mW kink free
• Single-mode fiber pigtail
• Internal thermoelectric heatpump and
monitor photodiode
• Hermetically sealed 14-pin butterfly package
• Telcordia GR-468-CORE compliant
• Field proven high reliability
• RoHS compliant
Applications:
• Low noise EDFAs
• Dense wavelength division multiplexing
(DWDM) EDFAs
• CATV Applications
980nm Pump Laser Module -
Grating Stabilized, 300mW
LC94


Similar Part No. - LC94

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
LC9-4125-1-0-04 VECTRON-LC9-4125-1-0-04 Datasheet
80Kb / 1P
Nominal centre frequency fo: 9.4125 MHz
logo
Microsemi Corporation
LC9.0 MICROSEMI-LC9.0 Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC9.0 MICROSEMI-LC9.0 Datasheet
196Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC9.0 NJSEMI-LC9.0 Datasheet
175Kb / 3P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC9.0A MICROSEMI-LC9.0A Datasheet
586Kb / 4P
1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - LC94

ManufacturerPart #DatasheetDescription
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
269-Type 14xx nm Pump Laser Module with Fiber Grating
June 2001
logo
Bookham, Inc.
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
980nm Pump Laser Module - Grating Stabilized, 400mW
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
976nm Laser Module Stabilized with Narrow-Bandwidth Grating
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
980nm Pump Laser Module, Uncooled
logo
JDS Uniphase Corporatio...
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com