Electronic Components Datasheet Search
  English  ▼

X  

MK27 Datasheet(PDF) 3 Page - Standex Electronics, Inc.

Part # MK27
Description  MK27 Series Reed Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK27 Datasheet(HTML) 3 Page - Standex Electronics, Inc.

  MK27 Datasheet HTML 1Page - Standex Electronics, Inc. MK27 Datasheet HTML 2Page - Standex Electronics, Inc. MK27 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USA: +1 866.782.6339 | salesusa@standexmeder.com
EMEA: +49 7731/8399-0 | info@standexmeder.com
APAC: +86 21/37606000 | salesasia@standexmeder.com
standexelectronics.com
Series Datasheet
Version 02
28 Feb 2019
Page
M. Reizner
3
MK27 Series Reed Sensors
Please note: All technical specifications on this series datasheet refer to the standard product range. Modifications in the sense of technical progress are reserved. For
general information only. For more specific information, please consult the product datasheet, available upon request.
This series datasheet could contain technical inaccuracies or typographical errors. Changes are periodically made to the information herein. These change will be
incorporated in future revisions.
For deviating values, most current specifications and products please contact your nearest sales office.
Life Test Data
*Load increase reduces life expectancy of Reed Switches
Load
Typical Number of Operations
KSK-1A66
100V/10mA
20V/500mA
10V/100mA
10V/4mA
<5V/10mA
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
1,E+10
Life Test Data
*Load increase reduces life expectancy of Reed Switches
Typical Number of Operations
KSK-1A85
100V/10mA
20V/500mA
10V/100mA
10V/4mA
<5V/10mA
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
1,E+10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com