Electronic Components Datasheet Search
  English  ▼

X  

MK27 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # MK27
Description  MK27 Series Reed Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK27 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  MK27 Datasheet HTML 1Page - Standex Electronics, Inc. MK27 Datasheet HTML 2Page - Standex Electronics, Inc. MK27 Datasheet HTML 3Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA: +1 866.782.6339 | salesusa@standexmeder.com
EMEA: +49 7731/8399-0 | info@standexmeder.com
APAC: +86 21/37606000 | salesasia@standexmeder.com
standexelectronics.com
Series Datasheet
Version 02
28 Feb 2019
Page
M. Reizner
2
MK27 Series Reed Sensors
MK27 Reed Sensor
Housing and Lead Specifications
Housing Material
Aluminum
Case Color
-
Sealing Compound
Polyurethane
Cable Type
Round Cable
Cable Material
PVC
Cross Section (mm2)
2 x 0.25
Environmental Data
Unit
Shock Resistance (max.)
1/2 sine wave duration 11ms
50
g
Vibration Resistance (max.)
20
g
Operating Temperature
Cable not moved
-30 to 80
°C
Operating Temperature
Cable moved
-5 to 80
°C
Storage Temperature
-30 to 80
°C
Handling & Assembly Instructions
➢
Max torque of screw is 1Nm
➢
Cable bending-radius is diameter x 15
➢
Min. bending distance to housing is 5mm
➢
Drag mark out of the mounting area forbidden
➢
Decrease switching distance by mounting on iron
➢
Do not use magnetically inductive screws
➢
Series resistor recommended for > 5m cable length
Layout
Top View
Glossary Contact Form
Form A
NO = Normally Open Contacts
SPST = Single Pole Single Throw
Form B
NC = Normally Closed Contacts
SPST = Single Pole Single Throw
Form C
Changeover
SPDT = Single Pole Double Throw
Glossary Magnetic Sensitivity
Sens.
A
B
C
D
E
F
G
AT
05-10 10-15 15-20 20-25 25-30 30-35 35-40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com