Electronic Components Datasheet Search
  English  ▼

X  

LC96 Datasheet(PDF) 5 Page - Bookham, Inc.

Part # LC96
Description  High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC96 Datasheet(HTML) 5 Page - Bookham, Inc.

  LC96 Datasheet HTML 1Page - Bookham, Inc. LC96 Datasheet HTML 2Page - Bookham, Inc. LC96 Datasheet HTML 3Page - Bookham, Inc. LC96 Datasheet HTML 4Page - Bookham, Inc. LC96 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Data Sheet
5
Important Notice
Performance figures, data and any illustrative material
provided in this data sheet are typical and must be
specifically confirmed in writing by Bookham before
they become applicable to any particular order or
contract. In accordance with the Bookham policy of
continuous improvement specifications may change
without notice. The publication of information in this
data sheet does not imply freedom from patent or other
protective rights of Bookham or others. Further details
are available from any Bookham sales representative.
Contact Information
BH12843 Rev 2.0 March 2007.
©Bookham 2006. Bookham is a registered trademark of Bookham Inc.
North America
Bookham Worldwide
Headquarters
2584 Junction Ave.
San Jose
CA 95134
USA
• Tel: +1 408 919 1500
• Fax: +1 408 919 6083
www.bookham.com
sales@bookham.com
Europe
Paignton Office
Brixham Road
Paignton
Devon
TQ4 7BE
United Kingdom
• Tel: +44 (0) 1803 66 2000
• Fax: +44 (0) 1803 66 2801
Asia
Shenzhen Office
2 Phoenix Road
Futian Free Trade Zone
Shenzhen 518038
China
• Tel: +86 755 33305888
• Fax: +86 755 33305805
+86 755 33305807
Ordering Information:
LC96A74-20R 400mW
LC96B74-20R 410mW
LC96C74-20R 420mW
LC96D74-20R 430mW
LC96E74-20R 440mW
LC96F74-20R 450mW
LC96G74-20R 460mW
LC96H74-20R 470mW
LC96J74-20R 480mW
LC96K74-20R 490mW
LC96L74-20R 500mW
LC96M74-20R 510mW
LC96N74-20R 520mW
LC96P74-20R 530mW
LC96R74-20R 540mW
LC96S74-20R 550mW
LC96T74-20R 560mW
LC96U74-20R 570mW
LC96V74-20R 580mW
LC96W74-20R 590mW
LC96AA74-20R 600mW
LC96A76-20R 400mW
LC96B76-20R 410mW
LC96C76-20R 420mW
LC96D76-20R 430mW
LC96E76-20R 440mW
LC96F76-20R 450mW
LC96G76-20R 460mW
LC96H76-20R 470mW
LC96J76-20R 480mW
LC96K76-20R 490mW
LC96L76-20R 500mW
LC96M76-20R 510mW
LC96N76-20R 520mW
LC96P76-20R 530mW
LC96R76-20R 540mW
LC96S76-20R 550mW
LC96T76-20R 560mW
LC96U76-20R 570mW
LC96V76-20R 580mW
LC96W76-20R 590mW
LC96AA76-20R 600mW
REFERENCE IEC 60825-1
Edition 1.2
INVISIBLE LASER RADIATION
AVOID EYE OR SKIN
EXPOSURE TO DIRECT OR
SCATTERED RADIATION
CLASS 4 LASER PRODUCT
Maximum Power >500mW
Wavelength >970nm
LASER RADIATION - AVOID EYE OR
SKIN EXPOSURE TO DIRECT OR
SCATTERED RADIATION
MAX POWER > 500mW
WAVELENGTH > 970nm
CLASS IV LASER PRODUCT
THIS PRODUCT COMPLIES WITH 21CFR 1040.10
Caution - use of controls or
adjustments or performance
of procedures other than those
specified herein may result in
hazardous radiation exposure.
RoHS Compliance
Bookham is fully committed to environment
protection and sustainable development and has
set in place a comprehensive program for
removing polluting and hazardous substances from
all of its products. The relevant evidence of RoHS
compliance is held as part of our controlled
documentation for each of our compliant products.
RoHS compliance parts are available to order,
please refer to the ordering information section for
further details.
ISO14001:1996
EMS 504193
TL9000 Rev 3.0 (ISO9001:2000)
FM15040



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com