Electronic Components Datasheet Search
  English  ▼

X  

LC96 Datasheet(PDF) 3 Page - Bookham, Inc.

Part # LC96
Description  High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC96 Datasheet(HTML) 3 Page - Bookham, Inc.

  LC96 Datasheet HTML 1Page - Bookham, Inc. LC96 Datasheet HTML 2Page - Bookham, Inc. LC96 Datasheet HTML 3Page - Bookham, Inc. LC96 Datasheet HTML 4Page - Bookham, Inc. LC96 Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Data Sheet
3
Absolute Maximum Ratings
Parameter
Min
Max
Unit
Operating temperature
-20
75
°C
Storage temperature
-40
85
°C
Laser forward current
1200
mA
Centre wavelength
λ
c
2
V
Heatpump current
2.2
A
Lead soldering temperature (10s max)
260
°C
Fibre bend radius
30
mm
Package Outline Drawing and Dimensions
Dimensions (mm)
Figure 1: Package Outline Drawing and Dimensions (mm)
Fiber Specification
Nufern PM980-HP or equivalent 250µm primary coated.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com