Electronic Components Datasheet Search
  English  ▼

X  

LMC10NEJ Datasheet(PDF) 13 Page - Bookham, Inc.

Part # LMC10NEJ
Description  10Gb/s Compact InP MZ Modulator with DWDM Laser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LMC10NEJ Datasheet(HTML) 13 Page - Bookham, Inc.

Back Button LMC10NEJ Datasheet HTML 7Page - Bookham, Inc. LMC10NEJ Datasheet HTML 8Page - Bookham, Inc. LMC10NEJ Datasheet HTML 9Page - Bookham, Inc. LMC10NEJ Datasheet HTML 10Page - Bookham, Inc. LMC10NEJ Datasheet HTML 11Page - Bookham, Inc. LMC10NEJ Datasheet HTML 12Page - Bookham, Inc. LMC10NEJ Datasheet HTML 13Page - Bookham, Inc. LMC10NEJ Datasheet HTML 14Page - Bookham, Inc. LMC10NEJ Datasheet HTML 15Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
13
LMC10 Mounting Guidelines
The device must be attached to a heat-sink capable of
dissipating a minimum of 4W. The surface of the heat-sink
must be smooth (< 0.8 micron Ra) and flat (< 24.8 microns
over the area and not convex in form). Attachment screws,
thermal interface compounds or interface pads may be used
but must not exert stress upon the device. Refer to Bookham
applications document AN0117.
Note on Maximum Ratings and Handling Precautions
Applications Support
The following application notes are available to support customers using the LMC10NEJ:
It is the nature of this device that unprotected semi-conductor
junctions are connected directly to external package pins.
Protection of these junctions would have an adverse effect on
the performance of the device or the flexibility in its
application and use. The user is requested to observe the
‘Absolute Minimum and Maximum Ratings’ in order to
prevent damage or destruction of the device. In particular
forward biasing the modulator, attenuator or power monitor
junctions will lead to catastrophic damage if the current or
voltage limits are exceeded. These junctions are also sensitive
to ESD and electrical transients. The laser is similarly sensitive
to reverse bias, ESD and electrical transients. These can lead
to catastrophic device damage. The user is requested to
ensure that operation of any control or bias circuits do not
introduce electrical transients or adverse bias conditions
during switch-on, switch-off or calibration and set-up
routines. Appropriate ESD precautions are required in both
production and R&D environments.
Component Mounting Recommendations For the Bookham
LMC10 InP MZ Transmitter Module
AN0117
LMC10NEJ Optical Power Stabilisation Using the Integral
VOA and Power Tap
AN0132
LMC10NEJ Dynamic MZ Modulator DC Bias Control Recommendations
for high Performance Power & Eye Mask Stability
AN0143
LMC10 Implementing Dynamic Wavelength Locker Loops
For DWDM Optical Systems
AN0142
Characterisation of the LMC10 InP MZ in a 2.5Gb/s
Optical Systems Environment
AN0138
Compact LMC10 InP MZ Evaluation Board User Document
AN0130
Recommended RF drivers for the LMC10 Integrated Optical
Transmitter Product Portfolio
AN0137
Optical component evaluation platforms are available for all Bookham Technology optical products.
Contact your regional sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com