Electronic Components Datasheet Search
  English  ▼

X  

LMC10NEJ Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LMC10NEJ
Description  10Gb/s Compact InP MZ Modulator with DWDM Laser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LMC10NEJ Datasheet(HTML) 2 Page - Bookham, Inc.

  LMC10NEJ Datasheet HTML 1Page - Bookham, Inc. LMC10NEJ Datasheet HTML 2Page - Bookham, Inc. LMC10NEJ Datasheet HTML 3Page - Bookham, Inc. LMC10NEJ Datasheet HTML 4Page - Bookham, Inc. LMC10NEJ Datasheet HTML 5Page - Bookham, Inc. LMC10NEJ Datasheet HTML 6Page - Bookham, Inc. LMC10NEJ Datasheet HTML 7Page - Bookham, Inc. LMC10NEJ Datasheet HTML 8Page - Bookham, Inc. LMC10NEJ Datasheet HTML 9Page - Bookham, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Data Sheet
2
Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Module and Modulator Parameters
Case temperature
[Tcase]
External temperature of Tx case
[1]
-5
75
°C
Modulated output power
EOL over temperature
[2] [3]
34
5dBm
Modulated output power -
-0.5
0.5
dB
short term tracking
AC extinction ratio
EOL, 10.709Gb/s
[4]
10
11.5
dB
Dispersion penalty over temperature
10.709Gb/s, 1600ps/nm, EOL
[5]
2dB
Data bar arm bias
<9mA arm bias current
-4
-1.1
V
Data arm bias
<9mA arm bias current
-2.2
-0.5
V
Modulation drive voltage
per arm, pk-pk, 10.709Gb/s
[6]
1.8
2.7
V
Optical rise time, fall time
20% - 80%
35
ps
Tolerable link optical reflection
[7]
-14
dB
Output optical return loss
[8]
20
dB
Optical crossing level [Mode 1]
[9]
48
50
52
%
Optical crossing level [Mode 2]
[10]
40
60
%
Modulator bandwidth
S21, -3dB
10
GHz
Using the LMC10NEJ
The LMC10NEJ can be used in two ways:
Mode 1.
Dynamic MZ modulator arm DC bias control, the Power Tap and VOA can be used in a control loop to stabilise short term power
variation. The optical crossing point is tightly controlled.
Mode 2.
Fixed MZ modulator arm DC bias, the Power Tap and VOA can be used in a control loop to stabilise short term power variation.
Further details relating to modes 1 and 2 are given later in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com