Electronic Components Datasheet Search
  English  ▼

X  

7356 Datasheet(PDF) 1 Page - Belden Inc.

Part # 7356
Description  Fast Ethernet Cat5e Data Double-Ended Cordset: Female straight D-coded
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7356 Datasheet(HTML) 1 Page - Belden Inc.

  7356 Datasheet HTML 1Page - Belden Inc. 7356 Datasheet HTML 2Page - Belden Inc. 7356 Datasheet HTML 3Page - Belden Inc. 7356 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product: 0985 342 S4724
Fast Ethernet Cat5e Data Double-Ended Cordset: Female straight D-coded
black M12 Standard to female straight D-coded black M12 Standard, shielded,
50 V AC / 60 V DC, 4 A; PUR green cable, 4-wires, 2x2x0.34 mm²
Product Description
Fast Ethernet Cat5e Data Double-Ended Cordset: Female straight D-coded black M12 Standard to female straight D-coded black M12 Standard, shielded, 50
V AC / 60 V DC, 4 A; PUR green cable, 4-wires, 2x2x0.34 mm²
Technical Drawing
Technical Specifications
Face View Side 1
Pin 1
Pin 2
Pin 3
Pin 4
yellow white orange blue
Face View Side 2
Pin 1
Pin 2
Pin 3
Pin 4
yellow white orange blue


Similar Part No. - 7356

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7356 ETC2-7356 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7356 ETC2-7356 Datasheet
114Kb / 2P
LED SPACER MOUNTS
7356 ETC2-7356 Datasheet
335Kb / 1P
T-1 3/4 STANDARD MIDGET GROOVE
logo
V-COIL THREAD SYSTEM
7356 V-COIL-7356 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Keystone Electronics Co...
7356 KEYSTONE-7356 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
More results

Similar Description - 7356

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201080027 MOLEX11-1201080027 Datasheet
157Kb / 2P
Micro-Change Double-Ended Cordset, Straight, Male to Male, 4 Poles, 3.0m (9.84 ) Length, D-Coded Keyway
1300640178 MOLEX11-1300640178 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight)
1300640187 MOLEX11-1300640187 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight)
1300640196 MOLEX11-1300640196 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight)
1300640206 MOLEX11-1300640206 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight),
1300640221 MOLEX11-1300640221 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight)
1300640401 MOLEX11-1300640401 Datasheet
40Kb / 1P
Quick-Change Double-Ended Cordset, 3 Poles, Female (Straight) to Male (Straight)
1300620047 MOLEX11-1300620047 Datasheet
29Kb / 1P
Mini-Change Double-Ended Cordset, 3 Poles, Male (Straight) to Female (Straight),
1201080267 MOLEX-1201080267 Datasheet
24Kb / 1P
Industrial Ethernet Double-Ended RJ-45 Cordset, Male (Straight) to Male
1201090003 MOLEX-1201090003 Datasheet
28Kb / 1P
Ultra-Lock (M12) to RJ-45 Industrial Ethernet Double-Ended Cordset, Female
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com