Electronic Components Datasheet Search
  English  ▼

X  

7356 Datasheet(PDF) 2 Page - Belden Inc.

Part # 7356
Description  Fast Ethernet Cat5e Data Double-Ended Cordset: Female straight D-coded
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

7356 Datasheet(HTML) 2 Page - Belden Inc.

  7356 Datasheet HTML 1Page - Belden Inc. 7356 Datasheet HTML 2Page - Belden Inc. 7356 Datasheet HTML 3Page - Belden Inc. 7356 Datasheet HTML 4Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Description
Product Family:
Data Connectors
Brand:
Lumberg Automation
Connector Type:
Cordset, double ended
Shielding:
Shielded
Rated Voltage:
60 V
Rated Impulse Voltage:
1.5 kV
Operating Voltage:
50 V AC / 60 V DC
Rated Current*:
4 A
Data Transmission:
Fast Ethernet Cat5e
Data Transmission Rate:
100 Mbit/s
Technical Data Side 1
Product Sub Family:
M12 Standard
Type of Contact / Gender:
Female
Connector Design:
Straight
Attachment Type:
Coupling Nut
Number of Pins:
4
Coding:
D
Contact Resistance:
≤ 10 mOhm
Insulation Resistance:
˃ 10^9 Ohm
Mating Cycles:
≤ 100
Ambient Temperature
(Operation)*:
- 40 °C - + 90 °C
Protection Degree / IP
Rating**:
IP65, IP67, IP69K
Design Standard:
IEC 61076-2-101
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Overvoltage Category:
III acc. to DIN EN 60664-1 (VDE 0110-1)
Contact Base Material:
CuSn
Contact Plating:
Cu/Au
Contact Bearer Material:
PBT
Contact Bearer Color:
Black
Flammability Class
(Contact Bearer):
UL 94 HB
Molded Body Material:
TPU
Molded Body Color:
Black
Flammability Class
(Molded Body):
UL 94 HB
Attachment Material:
CuZn
Attachment Plating:
Nickel-plated
Shielding Material:
CuZn, tin-plated
Fastening Torque
(Attachment):
M 12x1: (50-60) Ncm, hand-tight
Note:
Do not connect or disconnect under load.
Cable Data
Cable Number:
342
Conductor Size:
2x2x0.34 mm²
Number of Wires:
4
Minimal Bending Radius
(Fixed Inst):
˃ 5 x D
Minimal Bending Radius
(Flexible Inst):
˃ 10 x D
Cycles (Bending):
˃ 2 M
Cycles (Torsion):
˃ 2 M @ ± 360 °/1 m
Conductor material:
Cu
Cable Jacket Material:
PUR
Cable Jacket Color:
green matt similarly RAL 6018



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com