Electronic Components Datasheet Search
  English  ▼

X  

7B27 Datasheet(PDF) 4 Page - Analog Devices

Part # 7B27
Description  Isolated Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B27 Datasheet(HTML) 4 Page - Analog Devices

  7B27 Datasheet HTML 1Page - Analog Devices 7B27 Datasheet HTML 2Page - Analog Devices 7B27 Datasheet HTML 3Page - Analog Devices 7B27 Datasheet HTML 4Page - Analog Devices 7B27 Datasheet HTML 5Page - Analog Devices 7B27 Datasheet HTML 6Page - Analog Devices 7B27 Datasheet HTML 7Page - Analog Devices 7B27 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7B27
Rev. 0 | Page 4 of 8
7B27 Specifications
(typical @ +23°C ±5°C and Vs = +24 V dc)
Description
Model 7B27
Input Ranges
Thermocouple Types
J, K, T, E, R, S, B
Standard Temperature Ranges
Refer to Model Table
Custom Ranges
Not Available*
Output Range Options (RL > 2 kΩ)
+1 V to +5 V or 0 V to +10 V
Accuracy1
Initial @ +25°C
±0.01% Span (±0.1% Span, maximum)
Nonlinearity2
±0.02% Span, maximum
Input Offset vs. Temperature
±0.5µV/°C
Zero Suppression vs. Temperature
±0.005% (Vz)
3/°C
Span vs. Temperature
±35 ppm/°C
Output Offset vs. Temperature
±0.002% Span/°C
Cold Junction Compensation
Accuracy4 over +5°C to +45°C ambient
±1.0°C, maximum
Input Bias Current
-25 nA
Input Resistance
Power ON
10 M
Ω
Power OFF
30 k
Ω, minimum
Output Noise
5 MHz Bandwidth
6 mV peak
10 Hz to 100 kHz Bandwidth
0.4 mV rms
0.1 Hz to 10 Hz Bandwidth
0.6 µV peak
Bandwidth, -3 dB
3 Hz
Output Rise Time, 10% to 90% Span
150 ms
Common-Mode Voltage (CMV)
Input-to-Output and Power
100 V rms continuous
Common Mode Rejection (CMR)
Input-to-Output and Power @ 50/60 Hz
160 dB
Normal Mode Rejection @ 50/60 Hz
60 dB
Input Protection
±30 V dc, continuous
Input Transient Protection
ANSI/IEEE C376.90.1-1989IEEE-STD 472IEC 255-4, Class II
Output Resistance
< 1
Ω
Voltage Output Protection
Continuous Short to Ground
Power Supply
Voltage Range, Operating
+14 V dc to +35 V dc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com