Electronic Components Datasheet Search
  English  ▼

X  

7B27 Datasheet(PDF) 3 Page - Analog Devices

Part # 7B27
Description  Isolated Thermocouple Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

7B27 Datasheet(HTML) 3 Page - Analog Devices

  7B27 Datasheet HTML 1Page - Analog Devices 7B27 Datasheet HTML 2Page - Analog Devices 7B27 Datasheet HTML 3Page - Analog Devices 7B27 Datasheet HTML 4Page - Analog Devices 7B27 Datasheet HTML 5Page - Analog Devices 7B27 Datasheet HTML 6Page - Analog Devices 7B27 Datasheet HTML 7Page - Analog Devices 7B27 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7B27
Rev. 0 | Page 3 of 8
7B27 Models Available
Model
Input Type
Input Range
Output Range
7B27-J-01-1
Type J
-100°C to +100°C (-148°F to +1400°F)
+1 V to +5 V
7B27-J-01-2
Type J
-100°C to +100°C (-148°F to +1400°F)
0 V to +10 V
7B27-J-10-1
Type J
0°C to +200°C (+32°F to +392°F)
+1 V to +5 V
7B27-J-10-2
Type J
0°C to +200°C (+32°F to +392°F)
0 V to +10 V
7B27-J-11-1
Type J
0°C to +400°C (+32°F to +752°F)
+1 V to +5 V
7B27-J-11-2
Type J
0°C to +400°C (+32°F to +752°F)
0 V to +10 V
7B27-J-12-1
Type J
0°C to +600°C (+32°F to +1112°F)
+1 V to +5 V
7B27-J-12-2
Type J
0°C to +600°C (+32°F to +1112°F)
0 V to +10 V
7B27-J-13-1
Type J
+300°C to +600°C (+572°F to +1112°F)
+1 V to +5 V
7B27-J-13-2
Type J
+300°C to +600°C (+572°F to +1112°F)
0 V to +10 V
7B27-K-02-1
Type K
-100°C to +1350°C (-148°F to +2462°F)
+1 V to +5 V
7B27-K-02-2
Type K
-100°C to +1350°C (-148°F to +2462°F)
0 V to +10 V
7B27-K-20-1
Type K
0°C to +300°C (+32°F to +572°F)
+1 V to +5 V
7B27-K-20-2
Type K
0°C to +300°C (+32°F to +572°F)
0 V to +10 V
7B27-K-21-1
Type K
0°C to +600°C (+32°F to +1112°F)
+1 V to +5 V
7B27-K-21-2
Type K
0°C to +600°C (+32°F to +1112°F)
0 V to +10 V
7B27-K-22-1
Type K
0°C to +1200°C (+32°F to +2192°F)
+1 V to +5 V
7B27-K-22-2
Type K
0°C to +1200°C (+32°F to +2192°F)
0 V to +10 V
7B27-K-23-1
Type K
+600°C to +1200°C (-148°F to +1400°F)
+1 V to +5 V
7B27-K-23-2
Type K
+600°C to +1200°C (-148°F to +1400°F)
0 V to +10 V
7B27-T-03-1
Type T
-100°C to +400°C (-148°F to +752°F)
+1 V to +5 V
7B27-T-03-2
Type T
-100°C to +400°C (-148°F to +752°F)
0 V to +10 V
7B27-E-04-1
Type E
0°C to +900°C (+32°F to +1652°F)
+1 V to +5 V
7B27-E-04-2
Type E
0°C to +900°C (+32°F to +1652°F)
0 V to +10 V
7B27-R-05-1
Type R
0°C to +1750°C (+32°F to +3182°F)
+1 V to +5 V
7B27-R-05-2
Type R
0°C to +1750°C (+32°F to +3182°F)
0 V to +10 V
7B27-S-06-1
Type S
0°C to +1750°C (+32°F to +3182°F)
+1 V to +5 V
7B27-S-06-2
Type S
0°C to +1750°C (+32°F to +3182°F)
0 V to +10 V
7B27-B-07-1
Type B
0°C to +1800°C (+32°F to +3272°F)
+1 V to +5 V
7B27-B-07-2
Type B
0°C to +1800°C (+32°F to +3272°F)
0 V to +10 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com