Electronic Components Datasheet Search
  English  ▼

X  

HE83003 Datasheet(PDF) 9 Page - King blillion Electronics Co.,Ltd.

Part # HE83003
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83003 Datasheet(HTML) 9 Page - King blillion Electronics Co.,Ltd.

Back Button HE83003 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83003
HE80000 SERIES
September 8, 2004
9
V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
PWM
Command
Register
#reset
VOC[2]
PWMC[6..0]
clk
PWMC[7]
Write_Strobe
PWMC_
REG[0]
PWM
Driver
PWMC_REG[6..4]
#reset
clk
7-bit
PWM Data
Register
Fast_clock
clk
PWMO_REG[6..0]
PWMP
PWMN
VO
7-bit Voice Output Architecture
DAC
VOC[1]
VOC[2]
The 7-bit voice output is controlled by PWMC and VOC register, and the PWMC is a command/data
register which is determined by PWMC[7] bit. The voice output control (VOC) register is used to control
the PWM and DAC enable/disable. These two functions can be enabled simultaneously.
VOC
address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Field
0x13
-
-
-
-
-
PWM
DAC
Reserved
Reset
-
-
-
-
-
0
0
0
Bit
Name
Value
Function description
1
PWM Module Enable
VOC[2]
PWM
0
PWM Module Disable
1
Digital-to-Analog Converter Enable
VOC[1]
DAC
0
Digital-to-Analog Converter Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com