Electronic Components Datasheet Search
  English  ▼

X  

HE83003 Datasheet(PDF) 22 Page - King blillion Electronics Co.,Ltd.

Part # HE83003
Description  8-BIT MICRO-CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83003 Datasheet(HTML) 22 Page - King blillion Electronics Co.,Ltd.

Back Button HE83003 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 20Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 21Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 22Page - King blillion Electronics Co.,Ltd. HE83003 Datasheet HTML 23Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HE83003
HE80000 SERIES
September 8, 2004
22
V1.1
This specification is subject to change without notice. Please contact sales person for the latest version before use.
15. Application Circuit
VDD
VDD
VDD
Passive
Bias &
Filter
Circuit
Buzzer
or
Speaker
Circuit
Please Refer
AN022 for Speech
Output Circuit
External Slow Clock:
RC osc.
No External Parts is
necessary if user adopt
Internal Fast RC
Clock
External Fast Clock:
Crystal osc.
External Fast Clock:
RC osc.
External Slow Clock:
Crystal osc.
SXO
SXI
FXI
SXI
SXI
FXI
FXO
SXO
SXO
FXO
FXI
SXO
C3
0.1uF
C2
100uF
BATTERY 1
3V
C1
0.1uF
SP1
SPEAKER
Q1
NPN
R: Please ref . AN016
20P
20P
R > 8.2 KOhm
20P
20P
SW1
RESET
32.768K
2MHZ
R1
50K
C: Please Ref . AN016
HE83005
VDD
FXO
FXI
SXI
SXO
VO
PWMP
PWMN
PRTD[7:0]
PRTC[7:0]
RSTP_N
GND
OPIN
OPIP
OPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com