Electronic Components Datasheet Search
  English  ▼

X  

MLX16201 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX16201
Description  Intelligent relay driver for automotive applications ROM version for series production
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX16201 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX16201 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Datasheet
MLX16201-Jxx
Intelligent relay driver for automotive applications
ROM version for series production
MLX16201-Jxx
Page 13
Rev 1.3 26/Jun/01
3901016201
12.
Description of Periphery
RAM
ROM
EEPROM
EEPROM- Interface
RX-16000
uC-ROM
and interrupt controller
Application Pins
I/O, Interrupts, Digital interface
Timer
Timer
Compare 1
Timer
Compare 2
Timer
capture
Window
watch dog
PWM
DAC
Sleep
controller
Serial ROM
Analogue interface, Interrupts
Relay-Drivers
Regulator
Voltage
References
125kHz-
Oscillator
PLL
Clock
Monitor
Power-On-
Reset
3V-Reset-
Trigger
7V-Interrupt-
Trigger
Load-Dump-
Interupt-
Trigger
Temperature
Sensor
Voltage-
Drivers
12.1. Memory mapping
Internal ROM use
Adress
16201J
RAM
start 0000
(256 bytes)
stop 00FF
Unused
start 0100
stop 0FFF
EEPROM
start 1000
(128 words)
stop 10FF
Unused
start 1100
stop 1FFF
I/O
start 2000
stop 201F
Unused
start 2020
stop 3BFF
MLX-ROM
start 3C00
(1 kbytes)
stop 3FFF
MLX-Serial ROM
start 4000
(16 kbytes)
stop 7FFF
Unused
start 8000
stop DFFF
ROM
start E000
(8 kbytes)
stop FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com