Electronic Components Datasheet Search
  English  ▼

X  

MLX16201 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX16201
Description  Intelligent relay driver for automotive applications ROM version for series production
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX16201 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX16201 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX16201 Datasheet HTML 25Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Datasheet
MLX16201-Jxx
Intelligent relay driver for automotive applications
ROM version for series production
MLX16201-Jxx
Page 21
Rev 1.3 26/Jun/01
3901016201
12.5.4.The configuration possibilities of the Key-Thresholds and the Key-Interrupt
-
Port NO_SPB_P_B[7:0]=FFh
-
Port UDB_P_B[7:0]=00h
-
External pull down, KEY0 is high active
-
Key interrupt will be generated on a 1ms…2ms
debounced L-H transient of I_P_B[7:0]
-
UDB_P_B[7:0] has no influence on the comperator
digital input threshold level
V(KEY[7:0])
I_P_B[7:0]
vipnomhkey
[7:0]
vipnomlkey
[7:0]
t
The key interrupt is not defined during a change of
UDB_P_B[7:0].
-
Port NO_SPB_P_B[7:0]=FFh
-
Port UDB_P_B[7:0]=FFh
-
External pull up,KEY0 is low active
-
Key interrupt will be generated on a 1ms…2ms
debounced H-L transient of I_P_B[7:0]
-
UDB_P_B[7:0] has no influence on the comperator
digital input threshold level
V(KEY[7:0])
I_P_B[7:0]
vipnomhkey
[7:0]
vipnomlkey
[7:0]
t
The key interrupt is not defined during a change of
UDB_P_B[7:0].
-
Port NO_SPB_P_B[7:0]=00h
-
Port UDB_P_B[7:0]=00h
-
External pull down, KEY0 is high active
-
Key interrupt will be generated on a 1ms…2ms
debounced L-H transient of I_P_B[7:0]
-
High ratiometric to V(AD1) input threshold level is
used
V(KEY[7:0])
I_P_B[7:0]
vippdhkey
[7:0]
t
vippdlkey
[7:0]
The key interrupt is not defined during a change of
UDB_P_B[7:0].
-
Port NO_SPB_P_B[7:0]=00h
-
Port UDB_P_B[7:0]=FFh
-
External pull up, Key is low active
-
Key interrupt will be generated on a 1ms…2ms
debounced H-L transient of I_P_B[7:0]
-
Low ratiometric to V(AD1) input threshold level is
used
V(KEY[7:0])
I_P_B[7:0]
vippuhkey
[7:0]
t
vippulkey
[7:0]
The key interrupt is not defined during a change of
UDB_P_B[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com