Electronic Components Datasheet Search
  English  ▼

X  

FLX Datasheet(PDF) 1 Page - Danley Sound Labs. All Rights Reserved.

Part # FLX
Description  2 Way Full Range Loudspeaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

FLX Datasheet(HTML) 1 Page - Danley Sound Labs. All Rights Reserved.

  FLX Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. FLX Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
FLX12
2 Way Full Range Loudspeaker
Rev. 20240112
© 2024 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
Performance Specifications
Operating Mode
Single channel amplified two-way loudspeaker
Operating Range
93Hz - 21Hz +/-3dB
70Hz - >24KHz - 10dB
Coverage Pattern
80 Conical
Transducers
1x 12” Coaxial driver
Power Handling
300 W Cont. | 1200 W Peak
Sensitivity measured at 1M @ 2.83V input
94 dB
Maximum SPL (continuous |peak)
118 dB | 124 dB
Impedance
8 Ohm
Recommended Power Amplifier
300 - 600 Watts
Physical Specifications
Connections
(2) Neutrik NL4 Speakon wired in Parallel
Pin 1+/- | Full Range
Pin 2+/- |Pass Through
Mounting / Suspension Points
M10 points
Dimensions / Weight
19.52 W x 12.38 D x 20.5 H in. | 459.81 x 314.45 x 520.7 mm.
40 Ibs | 18.Kg
Finish
Black polyurea coated enclosure w/ matte black grille, or
Enclosure Material
18mm Baltic Birch, polyurea coated
Options
FLX12
Install, touring and stage monitor
The FLX12 is a remarkable ultra-compact loudspeak-
er that delivers unparalleled performance, especially
considering its size. It utilizes Tom Danley’s patented
Synergy Horn™ technology, which allows it to produce
high-quality audio at levels beyond 120dB, all from a
speaker weighing only 40 lbs. The FLX12 features a
12”/1” coaxial driver that is mated to an 90-degree coni-
cal horn, providing excellent pattern control even at low
frequencies, despite its compact size.
The enclosure is constructed using 13-ply Baltic Birch,
which is encased in PolyUrea to provide protection
from impact and atmospheric conditions. For added
convenience, the touring versions of the FLX12 come
equipped with M10 rig points.
In addition to its robust construction, the FLX12 comes
with our Sentinel™ high and low frequency driver pro-
tection circuitry. This multistage limiter is designed to
protect the high-frequency driver in the event of over-
loads (peaks or long term), without compromising the
dynamic range during normal operation.


Similar Part No. - FLX

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
FLX VCC-FLX Datasheet
27Kb / 1P
FLX ASSEMBLY
FLX-322 VCC-FLX-322 Datasheet
36Kb / 1P
FLEXIBLE LITEPIPE FLX 322 FLEXFIRE
FLX-44X VCC-FLX-44X Datasheet
44Kb / 1P
FLEXIBLE LITEPIPE FLX 44X FLEXFIRE
logo
Pro-Signal
FLX-5000U PROSIGNAL-FLX-5000U Datasheet
38Kb / 1P
The Virtually Indestructible Keyboard
logo
AVX Corporation
FLX0001DP AVX-FLX0001DP Datasheet
266Kb / 2P
Communication BUS Varistor
More results

Similar Description - FLX

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
Voice - switched 2-channel Circuit with loudspeaker amplifier
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
Innovative Power Produc...
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com