Electronic Components Datasheet Search
  English  ▼

X  

FLX Datasheet(PDF) 2 Page - Danley Sound Labs. All Rights Reserved.

Part # FLX
Description  2 Way Full Range Loudspeaker
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DANLEY [Danley Sound Labs. All Rights Reserved.]
Direct Link  https://www.danleysoundlabs.com/
Logo DANLEY - Danley Sound Labs. All Rights Reserved.

FLX Datasheet(HTML) 2 Page - Danley Sound Labs. All Rights Reserved.

  FLX Datasheet HTML 1Page - Danley Sound Labs. All Rights Reserved. FLX Datasheet HTML 2Page - Danley Sound Labs. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
FLX12
2 Way Full Range Loudspeaker
Rev. 20240112
© 2024 Danley Sound Labs. All Rights Reserved.
Danley Sound Labs Inc.
2196 Hilton Drive, Suite E
Gainesville, GA 30501
danleysoundlabs.com | 877.419.5805
The loudspeaker shall utilize the synergy horn enclosure. The loudspeaker shall have an operating range of 70Hz
-21KHz -10dB. Sensitivity of 94 dBSPL (measured at 2.83V @1m distance). Output of 121 dBSPL Program/124 dB-
SPL Peak. Power handling shall be 300 Watts cont. or 1200 Watts peak. The loudspeaker shall be constructed of
13 ply, 18mm Baltic Birch, polyurea coated. The loudspeaker shall be the Danley Sound Labs FLX12.
ARCHITECT/ENGINEERS SPECS
Sensitivity
Impedance
Horizontal Polar Response
Vertical Polar Response
Horizontal Directivity Contour
Vertical Directivity Contour
KLIPPEL
55
60
65
70
75
80
85
90
95
100
105
100
1000
10000
SPL Horizontal
r = 2 m, Reference: 1 m, 2.83 V, smoothed 2/oct.
Frequency / Hz
On-Axis
10°
20°
30°
40°
50°
60°
KLIPPEL
55
60
65
70
75
80
85
90
95
100
105
100
1000
10000
SPL Vertical
r = 2 m, Reference: 1 m, 2.83 V, smoothed 2/oct.
Frequency / Hz
On-Axis
10°
20°
30°
40°
50°
60°
KLIPPEL
60
65
70
75
80
85
90
95
100
105
110
-300
-200
-100
0
100
100
200
500
1k
2k
5k
10k
Frequency Response
r = 1.5 m, phi = 0°, theta = 0°, Reference: 1 m, 2.83 V, smoothed 3/oct., Delay removed: 3.006 ms
Frequency / Hz
- - Magnitude
- - Phase
KLIPPEL
0
10
20
30
40
50
60
70
80
90
100
110
2
5
10
20
50
100
200
500
1k
2k
5k
10k
20k
Magnitude of transfer function H(f)
H(f)= Voltage Speaker 1 / Current Speaker 1
Frequency / Hz
Magnitude



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com