Electronic Components Datasheet Search
  English  ▼

X  

HE83136 Datasheet(PDF) 1 Page - King blillion Electronics Co.,Ltd.

Part # HE83136
Description  8-BIT MICRO-CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83136 Datasheet(HTML) 1 Page - King blillion Electronics Co.,Ltd.

  HE83136 Datasheet HTML 1Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image



  
 


 


 


 


 


 


 


 







HE80000 SERIES



  
                   
 !" # $% &"'       ()     # ()
    #  * +


 


  # 


# ,     -
#   './     )0        $ 1( 23    
#4% 5  !"   #  #&"'6 
 #   7  8  21/  9 1/      # 
!"   #  #&"'6 :#    
!"   # #; ;+  
 ,/ #!"#   <#     
   

 
!"
( = 


 
44=>??=
!"
2 ";


 

'"@3A?%= 
  



'"@$3A44=
!"
! 1(




$ +$) 1(,
!"
! 1/


 $   
!"
'#";2  



B +9,;


 4-@3
   
2*;


 

4-3
!"
(  


 
'7/&


9/2 


2&(0


!'&


2&) 
!"
00' +0/ "'(6 !1,   ;
!"
4 !.(
;(  )72)7&&()B'1/!B
##   !.( 
!"
( #() 
!"
$%&"' +/


 C)   ,
!"
( -#  '/"##


Similar Part No. - HE83136

ManufacturerPart #DatasheetDescription
logo
King blillion Electroni...
HE83130 KB-HE83130 Datasheet
262Kb / 8P
8-BIT MICRO-CONTROLLER
HE83131 KB-HE83131 Datasheet
261Kb / 8P
8-BIT MICRO-CONTROLLER
HE83132 KB-HE83132 Datasheet
275Kb / 11P
8-BIT MICRO-CONTROLLER
HE83133 KB-HE83133 Datasheet
281Kb / 11P
8-BIT MICRO-CONTROLLER
HE83134 KB-HE83134 Datasheet
273Kb / 11P
8-BIT MICRO-CONTROLLER
More results

Similar Description - HE83136

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
8-Bit Micro-controller
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P22 MDTIC-MDT10P22 Datasheet
118Kb / 17P
8-bit micro-controller
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
8-Bit Micro-Controller
logo
Micon Design Technology...
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com