Electronic Components Datasheet Search
  English  ▼

X  

HE83136 Datasheet(PDF) 10 Page - King blillion Electronics Co.,Ltd.

Part # HE83136
Description  8-BIT MICRO-CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83136 Datasheet(HTML) 10 Page - King blillion Electronics Co.,Ltd.

Back Button HE83136 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83136 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image



  
 


 


 


 


 


 


 


 







HE80000 SERIES

.

1'-=,  ?=*?BE .F  :=.?

  

 
    
 NORMAL Mode Current
System
2M ext. R/C
0.75
1
mA
 SLOW Mode Current
System
32.768K X’tal
LCD Disable
10
20
A
  IDLE Mode Current
System
32.769K X’tal
LCD Disable
6
10
A
LCD Enable,
LCD option=300Kohm
Voltage-doubler OFF
12
20


  Extra Current if LCD ON
System
LCD Enable,
LCD option=30Kohm,
Voltage-doubler ON
100
120
A
  Sleep Mode Current
System

1
A


PWM Output Drive Current
PWMP, PWMN
V=3V; V=2V
12
15
mA
 

PWM Output Sink Current
PWMP, PWMN
V=3V; V=1V
33
40
mA
 DAC Output Current
VO, DAO
V=3V;VO=0~2V,Data=7F
2.5
3
mA

Input High Voltage
I/O pins

0.8
V
V
 
Input Low Voltage
I/O pins
0.2
V
V

 Input Hysteresis Width
I/O, RSTP_N
Threshold=2/3V(input from
low to high)
Threshold=1/3V(input from
high to low)
1/3
V
V

Output Drive Current
I/O pull-high
V=2.0V
50
A
  Output Sink Current
I/O pull-low
V=0.4V
1.0
mA
  Input Low Current
RSTP_N
V=GND, pull high Internally
20
A
  Input Low Current
I/O
V=GND, if pull high
Internally by user
100
A





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com