Electronic Components Datasheet Search
  English  ▼

X  

BF321-0CW-028B Datasheet(PDF) 21 Page - LEDTRONICS, INC

Part # BF321-0CW-028B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BF321-0CW-028B Datasheet(HTML) 21 Page - LEDTRONICS, INC

Back Button BF321-0CW-028B Datasheet HTML 17Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 18Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 19Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 20Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 21Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 22Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 23Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 24Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 25Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
S6 Candelabra Screw Based LEDs
Electrical-Optical
Characteristics (Ta = 25ºC)
Voltage
V typ
Part Number
Current
mA typ
Miniature Packages
Intensity
mcd
Special Features
All dimensions in inches. For millimeters multiply by 25.4
Angle
of
Illumi-
nation
SLF461-0UR-120A
120VAC
SLF461-0UR-130B
SLF461-0UR-220A
SLF461-0UR-024B
24V
130V
220VAC
120VAC
24V
130V
220VAC
120VAC
24V
130V
220VAC
SLF464-0UR-120A
SLF464-0UR-130B
SLF464-0UR-220A
SLF464-0UR-024B
SLF467-0UR-120A
SLF467-0UR-130B
SLF467-0UR-220A
SLF467-0UR-024B
SLF461
SLF464
20
10
8
4
115
50
40
15
20
10
8
4
460
200
160
60
20
10
8
4
800
350
280
105
120º
.75
1.88 MAX
Center Contact Polarity
B = Bipolar AC/DC
Replace SLF461 With
SL461 for Narrow Beam
(15º) 1.6K mcd/52Ft.Cd
@ 20mA
SLF467
Center Contact Polarity
B = Bipolar AC/DC
Replace SLF461 With
SL461 for Narrow Beam
(15º) 3.5 K mcd@
20mA
SLF461-0UO-120A
120VAC
SLF461-0UO-130B
SLF461-0UO-220A
SLF461-0UO-024B
24V
130V
220VAC
120VAC
24V
130V
220VAC
120VAC
24V
130V
220VAC
SLF464-0UO-120A
SLF464-0UO-130B
SLF464-0UO-220A
SLF464-0UO-024B
SLF467-0UO-120A
SLF467-0UO-130B
SLF467-0UO-220A
SLF467-0UO-024B
SLF461
SLF464
SLF467
130
65
52
26
520
260
208
104
910
455
364
182
120º
.75
1.88 MAX
20
10
8
4
20
10
8
4
20
10
8
4
SLF461-0UY-120A
120VAC
SLF461-0UY-130B
SLF461-0UY-220A
SLF461-0UY-024B
24V
130V
220VAC
120VAC
24V
130V
220VAC
120VAC
24V
130V
220VAC
SLF464-0UY-120A
SLF464-0UY-130B
SLF464-0UY-220A
SLF464-0UY-024B
SLF467-0UY-120A
SLF467-0UY-130B
SLF467-0UY-220A
SLF467-0UY-024B
SLF461
SLF464
SLF467
20
10
8
4
116
39
24
4
20
10
8
4
464
156
96
16
20
10
8
4
812
273
168
28
120º
.75
1.88 MAX
Center Contact Polarity
B = Bipolar AC/DC
Replace SLF461 With
SL461 for Narrow Beam
(15º) 3.2K mcd@ 20mA
SLF461-0CW-120A
.75
1.88 MAX
120VAC
SLF461-0CW-130B
SLF461-0CW-220A
SLF461-0CW-024B
24V
130V
220VAC
120VAC
24V
130V
220VAC
120VAC
24V
130V
220VAC
SLF464-0CW-120A
SLF464-0CW-130B
SLF464-0CW-220A
SLF464-0CW-024B
SLF467-0CW-120A
SLF467-0CW-130B
SLF467-0CW-220A
SLF466-0CW-024B
SLF461
15
10
8
4
160
106
85
42
15
10
8
4
640
424
340
168
15
10
8
4
960
742
595
294
B = Bipolar AC/DC
Center Contact Polarity
Replace BF321 With
B321 for Std. Beam
(50º)
120º
SLF467
SLF464
A = AC only
A = AC only
A = AC only
A = AC only
660nm Ultra Red
GaAIAs/GaAIAs
8000K Cool White
SiC/GaN
612nm Super Orange
InGaAIP
595nm Super Yellow
InGaAIP
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA 90505
Phone: (800) 579-4875 or (310) 534-1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com