Electronic Components Datasheet Search
  English  ▼

X  

BF321-0CW-028B Datasheet(PDF) 1 Page - LEDTRONICS, INC

Part # BF321-0CW-028B
Description  Miniature Based LED Lamps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDTRONICS [LEDTRONICS, INC]
Direct Link  http://www.ledtronics.com
Logo LEDTRONICS - LEDTRONICS, INC

BF321-0CW-028B Datasheet(HTML) 1 Page - LEDTRONICS, INC

  BF321-0CW-028B Datasheet HTML 1Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 2Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 3Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 4Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 5Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 6Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 7Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 8Page - LEDTRONICS, INC BF321-0CW-028B Datasheet HTML 9Page - LEDTRONICS, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Miniature Based LED Lamps
LEDTRONICS, INC.
THE FUTURE OF LIGHT
23105 Kashiwa Court, Torrance, CA
90505
Phone: (800) 579-4875 or (310) 534-
1505
Fax: (310) 534-1424
E-mail: webmaster@ledtronics.com
Website: www.ledtronics.com


Similar Part No. - BF321-0CW-028B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BF3216-20B ETC2-BF3216-20B Datasheet
427Kb / 1P
MINIATURE COLD CATHODE FLUORESCENT LAMP
logo
LEDTRONICS, INC
BF321CIW2K-28V-AC LEDTRONICS-BF321CIW2K-28V-AC Datasheet
161Kb / 1P
Single Contact Type Miniature BaseLED Lamps
BF321CIW2K-28V-BP LEDTRONICS-BF321CIW2K-28V-BP Datasheet
161Kb / 1P
Single Contact Type Miniature BaseLED Lamps
BF321CIW2K-28V-P LEDTRONICS-BF321CIW2K-28V-P Datasheet
161Kb / 1P
Single Contact Type Miniature BaseLED Lamps
BF321CIW2K-36V-AC LEDTRONICS-BF321CIW2K-36V-AC Datasheet
161Kb / 1P
Single Contact Type Miniature BaseLED Lamps
More results

Similar Description - BF321-0CW-028B

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L7387 GILWAY-L7387 Datasheet
124Kb / 2P
Miniature Quartz Halogen Lamps
L9389 GILWAY-L9389 Datasheet
124Kb / 2P
Miniature Quartz Halogen Lamps
logo
LEDTRONICS, INC
FF120-0UR-005P LEDTRONICS-FF120-0UR-005P Datasheet
2Mb / 28P
Miniature Based LED Lamps
logo
Chicago Miniature Lamp,...
4307T CML-4307T Datasheet
28Kb / 1P
Solid State LED Lamps-Sub Miniature 1.65mm
HLMP0300 CML-HLMP0300 Datasheet
114Kb / 1P
T-3/4 Sub Miniature LED Lamps
logo
Dialight Corporation
586-2701-201F DIALIGHT-586-2701-201F Datasheet
115Kb / 2P
Single Chip BASED LED T3 1/4 MINIATURE SCREW (E10)
logo
Visual Communications C...
4307T VCC-4307T Datasheet
80Kb / 1P
Solid State LED Lamps-Sub Miniature 1.65mm
logo
NXP Semiconductors
AN10937 PHILIPS-AN10937_15 Datasheet
404Kb / 13P
Dimmable LED based lamps
Rev. 1-23 May 2011
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80 AVAGO-HLMP-ED80 Datasheet
308Kb / 9P
Radiometrically Tested AlInGaP II LED Lamps for Sensor-Based Applications
HLMP-EG2E AVAGO-HLMP-EG2E Datasheet
163Kb / 8P
Radiometrically Tested AlInGaP LED Lamps for Sensor- Based Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com