Electronic Components Datasheet Search
  English  ▼

X  

HE83R126 Datasheet(PDF) 9 Page - King blillion Electronics Co.,Ltd.

Part # HE83R126
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R126 Datasheet(HTML) 9 Page - King blillion Electronics Co.,Ltd.

Back Button HE83R126 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R126
HE80000 SERIES
9
Preliminary V1.02E
I. Application Circuit
VDD
VDD
VDD
VDD
VDD
SEG7
FXI
PWMP
PRT15_6 / SEG30
COM0
SEG6
PWMP
COM3
PWMN
COM6
COM2
LC2
COM4
LV1
FXI
COM5
SEG4
LC1
LVF
PWMN
SEG2
COM7
PRT15_7 / SEG31
PRT15_5 / SEG29
SEG0
PRT15_3 / SEG27
RSTP_N
SEG3
LV2
PRT15_4 / SEG28
SEG1
COM1
SEG5
FXO
SXI
SXI
SXO
SXO
HE83R126
1
2
3
4
17
16
15
14
13
12
11
10
9
8
7
6
5
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
VDD
PWMP
PWMN
GND
PRT15_3/ SEG27
PRT15_4/ SEG28
PRT15_5/ SEG29
PRT15_6/ SEG30
PRT15_7/ SEG31
NC
NC
NC
NC
NC
NC
NC
NC
LV2
LV1 ~ 0.75 V
LVF
LC2
LC1
COM0
COM1
COM2
COM3
COM4
COM5
COM6
COM7
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
C13
0.1uF
480K~8M
XTAL1
R1
10k
C1
10P
10K~70K
XTAL2
C12
0.1uF
32 ohm Speaker
SP1
R2
10k
RESET
SW1
C3
10P
C9
0.1uF
C7
0.1uF
C14
0.1uF
R4
0
10U
C11
C5
10P
R3
30K~300K
C6
10P
RC Oscillator
X'TAL Oscillator
Ref. AN016
Regulate And By-Pass Capacitor
External Fast Clock
External Reset
X'TAL Oscillator
External Slow Clock
RC Oscillator
Ref. AN016



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com