Electronic Components Datasheet Search
  English  ▼

X  

HE83R126 Datasheet(PDF) 10 Page - King blillion Electronics Co.,Ltd.

Part # HE83R126
Description  8-BIT MICRO-CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83R126 Datasheet(HTML) 10 Page - King blillion Electronics Co.,Ltd.

Back Button HE83R126 Datasheet HTML 2Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 3Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83R126 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
KING BILLION ELECTRONICS CO., LTD
駿
億
電
子
股
份
有
限
公
司
HE83R126
HE80000 SERIES
10
Preliminary V1.02E
LC2
LC1
LVF
LV4
LV1
LV2
LV3
LV1
100K~30%
VR1
C10
0.1u
C2
0.1u
C8
0.1u
C15
0.1U
C4
0.1u
2G LCD Charge Pump Circuit,1/5 Bias,1/8 Duty,3V Configulation
Adjust resister for
tuning LV1 voltage,
And regulte LV1 voltage
at 0.75V, than the 4
times charge pump will
let LV4 = 4 * LV1 = 3V
Regulated Voltage Capacitor
8 * 24 ~ 8 * 32
LCD Display Range
MaskOption Must Select 4 Times Charge Pump LCD Regulator Enable
Charge Pump Capacitor
Note : Fix resister for
the same Lot.
LCD PANEL
J. Important Note
1. LCD driving circuit must be turn off before IC goes into sleep mode.
2. Please bonds the TSTP_P, RSTP_N and PRTD[7:0] with test point on PCB (can be soldered and
probed) as you can, then KB can do some IC testing job on PCB. Please connect TSTP_P pin with
zero ohm resistor(or copper wire which can be cut on PCB) normally for good ESD result. KB can
pull low TSTP_P pin by remove the zero ohm resistor . The following figure is an example
(Testing point with through hole).
K. Updated Record
Version
Date
Section
Original Content
New Content
Preliminary1.02
Jul 2,
2002
I
Modify Application Circuit
Add zero Ohm resistor
to TSTP_P.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com