Electronic Components Datasheet Search
  English  ▼

X  

TR2M Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TR2M
Description  Narrow Band FM Multi-channel UHF Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TR2M Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TR2M Datasheet HTML 3Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 4Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 5Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 6Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 7Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 8Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 9Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 10Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Radiometrix Ltd
TR2M Data Sheet
page 9
Condensed specifications
Frequency
458.5-459.1MHz or 433-434MHz (any 5MHz band from 420-480MHz)
Frequency stability
+/- 1.5kHz
Channel spacing
25kHz (12.5kHz by special order)
Number of channels
128 channels controlled via RS232 interface (8 parallel selected)
Supply
voltage
4.5-16V
Current
110mA nominal transmit
27mA receive
Operating temperature
-10 to +60 οC (Storage -30 to +70 οC)
Size
59 x 38 x 10 mm
Spurious radiations
Compliant with ETSI EN 300 220-3 and EN 301 489-3
Interface
user
13pin 0.1" pitch molex
Power
2pin 0.1" pitch molex
RF
3pin 0.1" pitch molex
Recommended PCB hole size
1.2mm (min.)
Intended approval
ETSI Radio standard EN 300 220-3 and EMC standard EN 301 489-3
Transmitter
Output power
+20dBm (100mW) ±1dB (factory adjustable 1-100mW)
TX on switching time
50 ms
Modulation type
FM, FSK (F1D, F3D)
TX modulation bandwidth
DC – 3kHz
Adjacent channel TX power
-37dBm
Inputs
analogue, data (CMOS/TTL compatible)
Receiver
Sensitivity
-112dBm for 1 part per 1000 BER
-118dBm for 12 dB SINAD
image / spurious
-70dB
blocking
-85dB
adjacent channel
<-60dB (Tested per. ETSI EN 301 489-3
Outputs
RSSI, carrier detect, audio, data
Power on to valid audio (no noise mute)
28ms
Power on to valid audio (with noise mute)
45ms
Power on to stable data out (50:50 mark / space)
50ms (with or without mute)
Notes: 1. The data slicer cannot be depended upon for data waveform frequencies below 250Hz
2. When RX is on and a transmitter keys up, again a 50ms period is required to stabilise data output
mark/space. i.e. allow at least 50ms of preamble



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com