Electronic Components Datasheet Search
  English  ▼

X  

TR2M Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TR2M
Description  Narrow Band FM Multi-channel UHF Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TR2M Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TR2M Datasheet HTML 1Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 2Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 3Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 4Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 5Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 6Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 7Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 8Page - List of Unclassifed Manufacturers TR2M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Radiometrix Ltd
TR2M Data Sheet
page 1
Features
433MHz version conforms to EN 300 220-3 and EN 301 489-3
458MHz version to MPT 1329 (UK specs).
Any 5MHz band module from 420MHz to 480MHz available as factory tuned custom variant
High performance double superhet, 128 channel PLL Synthesizer with TCXO
Data rates up to 5 kbps for standard module
Usable range over 1km (with 100mW variant)
Fully screened
Feature-rich interface (RSSI, automatic noise squelch, analogue and digital baseband)
Incorporates a 1200baud dumb modem
User configurable via RS232 interface
Low power requirements
Applications
Handheld terminals
Heavy vehicle/machine remote controls
EPOS equipment, barcode scanners
Data loggers
Industrial telemetry and telecommand
In-building environmental monitoring and control
High-end security and fire alarms
Vehicle data up/download
Technical Summary
Size: 59 x 38 x 10mm
Operating frequency: 458.5-459.1MHz or 433.05-434.79MHz
Custom variants from 420MHz to 480MHz on any 5MHz band
23 channels in 458MHz band, 69 channels in 433MHz band (128 channels max.)
Transmit power: +20dBm (100mW) nominal
Supply range: 4.5V - 16V
Current consumption: 110mA transmit, 27mA receive
Data bit rate: 5kbps max. (standard module)
Receiver sensitivity: -118dBm (for 12 dB SINAD)
Narrow Band FM Multi
Narrow Band FM Multi
Narrow Band FM Multi
Narrow Band FM Multi----channel UHF Transceiver
channel UHF Transceiver
channel UHF Transceiver
channel UHF Transceiver
The TR2M transceiver module offers a low power,
reliable data link in an industry-standard pin
out and footprint. This makes the TR2M ideally
suited to those low power applications where
existing wideband modules have insufficient
range, or where multi-channel operation is
needed. Two versions are available, covering the
458.5-459.1MHz UK band (at 100mW) and the
European 433.05-434.79MHz band (at 10mW).
Radiometrix
Hartcran House, 231 Kenton Lane, Harrow, HA3 8RP, England
Issue 3, 27 April 2007
TR2M/TR2I
NE
W
Tel: +44 (0) 20 8909 9595, Fax: +44 (0) 20 8909 2233
Figure 1: TR2I-458-5 transceiver


Similar Part No. - TR2M

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
TR2M-433-5 RADIOMETRIX-TR2M-433-5 Datasheet
522Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
TR2M-433-5 RADIOMETRIX-TR2M-433-5 Datasheet
444Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
TR2M-458-10 RADIOMETRIX-TR2M-458-10 Datasheet
522Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
TR2M-458-10 RADIOMETRIX-TR2M-458-10 Datasheet
444Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
More results

Similar Description - TR2M

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
UHF Narrow Band FM multi channel radio modules
TR2I-458-5 RADIOMETRIX-TR2I-458-5 Datasheet
522Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
TR1M-151-5 RADIOMETRIX-TR1M-151-5 Datasheet
256Kb / 9P
Narrow Band FM Multi-channel VHF Transceiver
RDL2 RADIOMETRIX-RDL2 Datasheet
235Kb / 7P
UHF Multi Channel Wide Band FM Transceiver
NTR2 RADIOMETRIX-NTR2 Datasheet
407Kb / 10P
UHF Narrow Band FM Transceiver
LMT2 RADIOMETRIX-LMT2_14 Datasheet
432Kb / 11P
UHF Narrow Band FM Low Cost multi channel
TR3M RADIOMETRIX-TR3M Datasheet
454Kb / 10P
Narrow Band FM Multi-channel UHF Transceiver
TR2M RADIOMETRIX-TR2M Datasheet
444Kb / 11P
Narrow Band FM Multi-channel UHF Transceiver
SMX1 RADIOMETRIX-SMX1 Datasheet
149Kb / 8P
VHF Narrow Band FM Multi channel Transceiver
NIM2 RADIOMETRIX-NIM2 Datasheet
577Kb / 11P
UHF Narrow Band FM Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com