Electronic Components Datasheet Search
  English  ▼

X  

HE83142 Datasheet(PDF) 11 Page - King blillion Electronics Co.,Ltd.

Part # HE83142
Description  8-BIT MICRO-CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83142 Datasheet(HTML) 11 Page - King blillion Electronics Co.,Ltd.

Back Button HE83142 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image



   
 


 


 


 


 


 


 


 






 





0!&H0,K 8=  ?''K?(*M=  D<'K?



  
     
    
!" #
$ %

&'

# 
 !(  
!" #
)&*+,-. 
//



 
  0/1  
!" #
)&*2,-. 
//

*

 
/13
/ 4), #
5  67 









1$  /


!" #
/13
/ 4), #3
5  67  






 
  !  
!" #


 


(  /8 
(3(54)59545

'

# 
 

(  !: 
(3(54)59545
))
;

# 
 /    
53/ 
54)5954<53/ 4&
'
)

# 

0 =65  6
0%

+
5

5
 
0  5  6
0%




5
5



0 =" ( 

0%3!>?
> 4%)5@  #
  6A
> 4%)5@  #
6  A

%)
5

5

  /8 
0%76545
'


 
    !: 
0%7 54;5



# 
  0   
!>?
54B/360 "



 
  0   
0%
54B/36
0 ""



 

<H
NH'&1/,1%,1*+
>&1/%,1%,1+'*+/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com