Electronic Components Datasheet Search
  English  ▼

X  

HE83142 Datasheet(PDF) 12 Page - King blillion Electronics Co.,Ltd.

Part # HE83142
Description  8-BIT MICRO-CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HE83142 Datasheet(HTML) 12 Page - King blillion Electronics Co.,Ltd.

Back Button HE83142 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HE83142 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image



   
 


 


 


 


 


 


 


 






 





N H 0% /     / 0%   1 =  1 O1
1%1%11  ! % 
11/3N<P<K== == =84
 

Buzzer
or
Speaker
Circuit
External Slow Clock:
RC osc.
LCD PANEL
Twice
Charge Pump is selected
LCD Max. Voltage=LV3=VDD
External Fast Clock:
Crystal osc.
Passive
Bias &
Filter
Circuit
Floating
Please Refer
AN022 for Speech
Output Circuit
No Capacitor
External Slow Clock:
Crystal osc.
No External Parts is
necessary if user adopt
Internal Fast RC
Clock
Twice
Charge Pump is selected
LCD Max. Voltage=LV3=3/2*VDD


External Fast Clock:
RC osc.




























  




 


 



 



 

!
"
  
#


 

$%&
'()*+)), - 
% 








 ./(0
1

#$
#$-
$2 !'3
 2'3412 '!3
2'3
2'3
5-
1-
-






12!!'3

 


6
--


'()*+)7), - 

 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com