Electronic Components Datasheet Search
  English  ▼

X  

G080P06M Datasheet(PDF) 1 Page - Goford Semiconductor

Part # G080P06M
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOFORD [Goford Semiconductor]
Direct Link  http://www.goford.cn/en/index.html
Logo GOFORD - Goford Semiconductor

G080P06M Datasheet(HTML) 1 Page - Goford Semiconductor

  G080P06M Datasheet HTML 1Page - Goford Semiconductor G080P06M Datasheet HTML 2Page - Goford Semiconductor G080P06M Datasheet HTML 3Page - Goford Semiconductor G080P06M Datasheet HTML 4Page - Goford Semiconductor G080P06M Datasheet HTML 5Page - Goford Semiconductor G080P06M Datasheet HTML 6Page - Goford Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
G080P06M
www.gofordsemi.com
TEL:0755-29961263
FAX:0755-29961466(A1721-V1.0)
Absolute Maximum Ratings TC = 25ºC, unless otherwise noted
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDS
-60
V
Continuous Drain Current
ID
-195
A
Pulsed Drain Current
(note1)
IDM
-780
A
Gate-Source Voltage
VGS
±
20
V
Power Dissipation
PD
294
W
Single pulse avalanche energy
(
note2)
EAS
506
mJ
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 To 150
ºC
Thermal Resistance
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-Ambient
RthJA
65
ºC/W
Maximum Junction-to-Case
RthJC
0.42
ºC/W
P-Channel Enhancement Mode Power MOSFET
Description
The G080P06M uses advanced trench technology to
provide excellent RDS(ON) , low gate charge. It can be used in
a wide variety of applications.
General Features
l
VDS
-60V
l
ID (at VGS = -10V)
-195A
l
RDS(ON) (at VGS = -10V)
< 7.5mΩ
l
100% Avalanche Tested
l
RoHS Compliant
Application
l
Power switch
l
DC/DC converters
Ordering Information
Device
Package
Marking
Packaging
G080P06M
TO-263
G080P06
800pcs/Reel
Schematic diagram
TO-263


Similar Part No. - G080P06M

ManufacturerPart #DatasheetDescription
logo
Goford Semiconductor
G080P06T GOFORD-G080P06T Datasheet
923Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - G080P06M

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com