Electronic Components Datasheet Search
  English  ▼

X  

RT8010 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8010
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8010 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8010 Datasheet HTML 1Page - Richtek Technology Corporation RT8010 Datasheet HTML 2Page - Richtek Technology Corporation RT8010 Datasheet HTML 3Page - Richtek Technology Corporation RT8010 Datasheet HTML 4Page - Richtek Technology Corporation RT8010 Datasheet HTML 5Page - Richtek Technology Corporation RT8010 Datasheet HTML 6Page - Richtek Technology Corporation RT8010 Datasheet HTML 7Page - Richtek Technology Corporation RT8010 Datasheet HTML 8Page - Richtek Technology Corporation RT8010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RT8010/A
1
DS8010/A-02 March 2007
www.richtek.com
Features
+2.5V to +5.5V Input Range
Output Voltage (Adjustable Output From 0.6V to VIN)
RT8010 : 1.0V, 1.2V, 1.5V, 1.6V, 1.8V, 2.5V and 3.3V
Fixed/Adjustable Output Voltage
RT8010A Adjustable Output Voltage Only
1A Output Current
95% Efficiency
No Schottky Diode Required
1.5MHz Fixed-Frequency PWM Operation
Small 6-Lead WDFN and 16-Lead WQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Mobile Phones
Personal Information Appliances
Wireless and DSL Modems
MP3 Players
Portable Instruments
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
General Description
The RT8010/A is a high-efficiency Pulse-Width-Modulated
(PWM) step-down DC-DC converter. Capable of delivering
1A output current over a wide input voltage range from
2.5V to 5.5V, the RT8010/A is ideally suited for portable
electronic devices that are powered from 1-cell Li-ion
battery or from other power sources such as cellular
phones, PDAs and hand-held devices.
Two operating modes are available including : PWM/Low-
Dropout autoswitch and shut-down modes. The Internal
synchronous rectifier with low RDS(ON) dramatically reduces
conduction loss at PWM mode. No external Schottky
diode is required in practical application.
The RT8010/A enters Low-Dropout mode when normal
PWM cannot provide regulated output voltage by
continuously turning on the upper PMOS. RT8010/A enter
shut-down mode and consumes less than 0.1
μA when
EN pin is pulled low.
The switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operating
frequency of 1.5MHz. This along with small WDFN-6L 2x2
and WQFN-16L 3x3 package provides small PCB area
application. Other features include soft start, lower internal
reference voltage with 2% accuracy, over temperature
protection, and over current protection.
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
Ordering Information
Pin Configurations
(TOP VIEW)
WDFN-6L 2x2 (RT8010)
Marking Information
For marking information, contact our sales representative
directly or through a RichTek distributor located in your
area, otherwise visit our website for detail.
12
11
10
9
13
14
15
16
1
2
3
4
8
7
6
5
FB/VOUT
GND
GND
GND
VIN
VIN
VIN
VIN
NC
VIN
FB/VOUT
GND
LX
EN
5
4
1
2
3
6
WQFN-16L 3x3 (RT8010A)
RT8010/A(-
)
Package Type
QW : WDFN/WQFN (W-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
Default : Adjustable (RT8010/A)
Fixed (RT8010)
10 : 1.0V
12 : 1.2V
15 : 1.5V
16 : 1.6V
18 : 1.8V
25 : 2.5V
33 : 3.3V
WQFN-16L 3x3
WDFN-6L 2x2


Similar Part No. - RT8010

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010BGQW RICHTEK-RT8010BGQW Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8010

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Eutech Microelectronics...
EUP3020 EUTECH-EUP3020 Datasheet
768Kb / 10P
Dual High-Efficiency 1.5MHz 1A PWM Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT8016 RICHTEK-RT8016 Datasheet
254Kb / 14P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8026 RICHTEK-RT8026 Datasheet
274Kb / 12P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8059 RICHTEK-RT8059 Datasheet
265Kb / 10P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
RT8010GQW RICHTEK-RT8010GQW Datasheet
332Kb / 15P
1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com