Electronic Components Datasheet Search
  English  ▼

X  

RT8010 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8010
Description  1.5MHz, 1A, High Efficiency PWM Step-Down DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8010 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8010 Datasheet HTML 1Page - Richtek Technology Corporation RT8010 Datasheet HTML 2Page - Richtek Technology Corporation RT8010 Datasheet HTML 3Page - Richtek Technology Corporation RT8010 Datasheet HTML 4Page - Richtek Technology Corporation RT8010 Datasheet HTML 5Page - Richtek Technology Corporation RT8010 Datasheet HTML 6Page - Richtek Technology Corporation RT8010 Datasheet HTML 7Page - Richtek Technology Corporation RT8010 Datasheet HTML 8Page - Richtek Technology Corporation RT8010 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
RT8010/A
3
DS8010/A-02 March 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin Number
Pin Name
Pin Function
RT8010
RT8010A
1,
Exposed Pad
6, 8, 16,
Exposed Pad
NC
No Internal Connect (Floating or Connecting to GND).
2
7
EN
Chip Enable (Active High).
3
9, 10, 11, 12 VIN
Power Input. (Pin 9 and Pin 10 must be connected with Pin 11)
4
13, 14, 15
LX
Pin for Switching. (Pin 13 must be connected with Pin 14)
5
1, 2, 3, 5
GND
Ground.
6
4
FB/VOUT
Feedback/Output Voltage Pin.
COMP
RC
RS1
RS2
EN
VIN
LX
FB/VOUT
UVLO &
Power Good
Detector
VREF
Slope
Compensation
Current
Sense
OSC &
Shutdown
Control
Current
Limit
Detector
Driver
Control
Logic
PWM
Comparator
Error
Amplifier
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com