Electronic Components Datasheet Search
  English  ▼

X  

HF88M08 Datasheet(PDF) 8 Page - King blillion Electronics Co.,Ltd.

Part # HF88M08
Description  512K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M08 Datasheet(HTML) 8 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M08 Datasheet HTML 4Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 5Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 6Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 7Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 8Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M08
January 16, 2004
Page 8 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
unnecessary power drain.
RS2RS1RS0 Symbol
Type
Description
Initial Value
R
Read data by Indirect access
AC2
W
Address latch 2 for A19 ~ A16
“--------“
AC1
W
Address latch 1 for A15 ~ A8
“--------“
0xx
AC0
W
Address latch 0 for A7 ~ A0
“--------“
100
P0
R/W
Port 0 Output Register
“11111111“
101
DIR0
R/W
Direction Register 0
“00000000“
110
P1
R/W
Port 1 Output Register
“11111111“
111
DIR1
R/W
Direction Register 0
“00000000“
6.1 Retrieve data in Data File
Accesses to the ROM contents, expansion I/O, Address Counter and Direction registers are made through
8 Data I/O pins – D7 ~ D0. With Register Selection RS = “0xx”, the starting addresses can be written
through Data I/Os by bringing WEn to low and back to high. Addresses are latched on the rising edge of
WEn.
Once the starting address of data block is latched into the Address Counter, data may be read out by
sequentially pulsing OEn with CEn staying low. When at ‘0’, the OEn gate the data of the selected
address unto Data I/O pin D7 ~ D0. With the rising edge of OEn, the internal Address Counter is
incremented by one automatically.
6.2 Loading the Address Counter
Before the data can be retrieved, the Address Counter must be initialized with the starting address, then
the contents of ROM pointed to by Address Counter (AC) can be accessed through D7 through D0. In
order to simplify the procedure of loading 20-bit Address Counter (AC), a internal pointer is implemented
and used to point to next register to write in the up to three-cycle address loading sequence. Initially,
with RS = “0xx” CEn goes from ‘1’ to ‘0’ and the AC pointer is initialized. The pointer is then
incremented to point to next register with falling edge of each WEn pulse. So when randomly accessing
data within a 256-byte page, or within a 64K-byte block mode, then only one or two-cycle address reload
process is needed to access different locations within a page or block.
The Address Counter pointer will be held in reset state in the following conditions:
1. When CEn is '1' (the device is deselected).
2. By the Read pulse (OEn is '0') and RS2 = '0' (ROM is being accesses).
The inclusion of the 3rd condition is to force the address loading to start from LSB of Address Counter
once the read cycle is initiated. However, the AC Pointer will not be reset when reading or writing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com