Electronic Components Datasheet Search
  English  ▼

X  

HF88M08 Datasheet(PDF) 18 Page - King blillion Electronics Co.,Ltd.

Part # HF88M08
Description  512K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M08 Datasheet(HTML) 18 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M08 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HF88M08 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M08
January 16, 2004
Page 18 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
VDD
VDD
VDD
VDD
VDD
SEG66
SEG18
SEG67
SEG17
SEG68
SEG16
SEG69
SEG15
SEG70
SEG14
SEG71
SEG13
SEG72
SEG12
SEG73
SEG11
SEG74
SEG10
SEG75
SEG9
SEG76
SEG8
SEG77
SEG7
SEG78
SEG6
SEG79
SEG5
SEG80
SEG4
SEG81
SEG3
SEG82
SEG2
SEG83
SEG1
SEG84
SEG0
SEG85
COM15
SEG86
COM14
SEG87
COM13
SEG88
COM12
SEG89
COM11
SEG90
COM10
SEG91
COM9
SEG92
COM8
SEG93
COM7
SEG94
COM6
SEG95
COM5
COM31
COM4
COM30
COM3
COM29
COM2
COM28
COM1
COM27
COM0
COM26
COM25
COM24
COM23
COM22
COM21
COM20
COM19
COM18
COM17
COM16
PWMN
PWMP
R5
D1
D2
RS0
WEn
D3
D4
RS2
D5
RS1
D6
D1
D2
RS0
WEn
D3
D4
RS2
D5
RS1
D6
U2
HF88M08-PLCC32
4
3
30
31
2
14
15
18
19
20
32
16
1
17
P14
P17
RS1
RS2
RS0
D1
D2
D4
D5
D6
VDD
VSS
WE
D3
U3
HF88M08-PLCC32
4
3
30
31
2
14
15
18
19
20
32
16
1
17
P14
P17
RS1
RS2
RS0
D1
D2
D4
D5
D6
VDD
VSS
WE
D3
R2
330K
R3
330K
R4
330K
R5
330K
U1
KB83760
134
130
131
132
133
16
17
18
19
142
143
97
98
99
100
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
44
45
46
47
48
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
122
123
124
125
126
127
128
129
11
10
15
14
13
12
141
140
139
138
22
21
20
96
8
9
137
136
135
41
42
43
117
118
119
120
121
1
2
3
4
5
6
7
38
39
40
LV2
COM0
LC1
LC2
LV1
COM29
COM30
COM31
SEG95
GND
VO
SEG17
SEG16
SEG15
SEG14
SEG91
SEG90
SEG89
SEG88
SEG87
SEG86
SEG85
SEG84
SEG83
SEG82
SEG81
SEG80
SEG79
SEG78
SEG77
SEG70
SEG69
SEG68
SEG67
SEG66
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
COM15
COM14
COM8
COM7
COM6
COM5
COM4
COM3
COM2
COM1
COM24
COM23
COM28
COM27
COM26
COM25
LVG
LR0
LR1
LR2
SEG92
SEG93
SEG94
SEG18
COM21
COM22
LR3
LR4
LV3
SEG73
SEG72
SEG71
COM13
COM12
COM11
COM10
COM9
PWMP
PWMN
COM16
COM17
COM18
COM19
COM20
SEG76
SEG75
SEG74
C1
1uF
C10
1uF
C2
1uF
C3
1uF
C4
1uF
C5
1uF
C6
1uF
C7
1uF
C8
1uF
C9
1uF
D1
1N4148
2
1
D2
1N4148
2
1
D3
1N4148
2
1
D4
1N4148
2
1
D5
1N4148
2
1
D6
1N4148
2
1
D7
1N4148
2
1
K1
K2
R1
330K
K3
K4
K5
K6
K7
K8
K9
K10
K11
K12
K13
K14
K15
K16
K17
K18
K19
K20
K21
K22
K23
K24
K25
K26
K27
K28
K29
K30
K31
K32
K33
K34
K35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com