Electronic Components Datasheet Search
  English  ▼

X  

RT8020 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8020
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8020 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8020 Datasheet HTML 1Page - Richtek Technology Corporation RT8020 Datasheet HTML 2Page - Richtek Technology Corporation RT8020 Datasheet HTML 3Page - Richtek Technology Corporation RT8020 Datasheet HTML 4Page - Richtek Technology Corporation RT8020 Datasheet HTML 5Page - Richtek Technology Corporation RT8020 Datasheet HTML 6Page - Richtek Technology Corporation RT8020 Datasheet HTML 7Page - Richtek Technology Corporation RT8020 Datasheet HTML 8Page - Richtek Technology Corporation RT8020 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT8020
1
DS8020-03 August 2007
www.richtek.com
Applications
l
Mobile Phones
l
Personal Information Appliances
l
Wireless and DSL Modems
l
MP3 Players
l
Portable Instruments
Note :
Richtek Pb-free and Green products are :
}RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
}Suitable for use in SnPb or Pb-free soldering processes.
}100% matte tin (Sn) plating.
Ordering Information
Pin Configurations
(TOP VIEW)
WDFN-12L 3x3
Dual High-Efficiency PWM Step-Down DC-DC Converter
Features
l
+2.5V to +5.5V Input Range
l
Adjustable Output From 0.6V to VIN
l
1.2V, 1.3V, 1.8V, 2.5V and 3.3V Fixed/ Adjustable
Output Voltage
l
1A Output Current
l
95% Efficiency
l
No Schottky Diode Required
l
50uA Quiescent Current per Channel
l
1.5MHz Fixed-Frequency PWM Operation
l
Small 12-Lead WDFN Package
l
RoHS Compliant and 100% Lead (Pb)-Free
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
General Description
The RT8020 is a dual high-efficiency Pulse-Width-
Modulated (PWM) step-down DC-DC converter. It is
capable of delivering 1A output current over a wide input
voltage range from 2.5V to 5.5V, the RT8020 is ideally
suited for portable electronic devices that are powered
from 1-cell Li-ion battery or from other power sources within
the range such as cellular phones, PDAs and other hand-
held devices.
Two operational modes are available : PWM/Low-Dropout
auto-switch and shutdown modes. Internal synchronous
rectifier with low RDS(ON) dramatically reduces conduction
loss at PWM mode. No external Schottky diode is
required in practical application.
The RT8020 enters Low-Dropout mode when normal PWM
cannot provide regulated output voltage by continuously
turning on the upper PMOS. The RT8020 enter shutdown
mode and consumes less than 0.1
µAwhen EN pin is pulled
low.
The switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operation
f requency of 1.5MHz. This along wit h sm all
WDFN-12L 3x3 package provides small PCB area
application. Other features include soft start, lower internal
reference voltage with 2% accuracy, over temperature
protection, and over current protection.
RT8020
Package Type
QW : WDFN-12L 3x3 (W-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage : VOUT1/VOUT2
Default : Adjustable
A : 3.3V/1.8V
B : 3.3V/1.3V
C : 3.3V/1.2V
D : 2.5V/1.8V
VIN2
LX2
NC1
FB1
EN2
NC2
FB2
LX1
GND
GND
EN1
VIN1
11
10
9
1
2
3
4
5
12
67
8
GND
13


Similar Part No. - RT8020

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020GQW RICHTEK-RT8020GQW Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020PQW RICHTEK-RT8020PQW Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
More results

Similar Description - RT8020

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
High Efficiency PWM Step-Down DC-DC Converter
RT8020 RICHTEK-RT8020_12 Datasheet
394Kb / 15P
Dual High-Efficiency PWM Step-Down DC/DC Converter
RT8020E RICHTEK-RT8020E Datasheet
276Kb / 14P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306 Datasheet
570Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2306D DIODES-PAM2306D Datasheet
358Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 2
PAM2308 DIODES-PAM2308 Datasheet
552Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2319 DIODES-PAM2319 Datasheet
355Kb / 12P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev 1
PAM2322AGEAR DIODES-PAM2322AGEAR Datasheet
769Kb / 13P
Dual High-Efficiency PWM Step-Down DC-DC Converter
Rev 2
logo
Shenzhen Huazhimei Semi...
HM5202 HMSEMI-HM5202 Datasheet
660Kb / 8P
Dual High-Efficiency PWM Step-Down DC/DC Converter
logo
Diodes Incorporated
PAM2306 DIODES-PAM2306_V01 Datasheet
861Kb / 15P
DUAL HIGH-EFFICIENCY PWM STEP-DOWN DC-DC CONVERTER
Rev. 3 - 2 May 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com