Electronic Components Datasheet Search
  English  ▼

X  

RT8020 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8020
Description  Dual High-Efficiency PWM Step-Down DC-DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8020 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8020 Datasheet HTML 1Page - Richtek Technology Corporation RT8020 Datasheet HTML 2Page - Richtek Technology Corporation RT8020 Datasheet HTML 3Page - Richtek Technology Corporation RT8020 Datasheet HTML 4Page - Richtek Technology Corporation RT8020 Datasheet HTML 5Page - Richtek Technology Corporation RT8020 Datasheet HTML 6Page - Richtek Technology Corporation RT8020 Datasheet HTML 7Page - Richtek Technology Corporation RT8020 Datasheet HTML 8Page - Richtek Technology Corporation RT8020 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT8020
2
DS8020-03 August 2007
www.richtek.com
Typical Application Circuit
Figure 2. Fixed Voltage Regulator
Figure 1. Adjustable Voltage Regulator
(
)
Rx2
Rx1
1
V
V
REF
OUTx
+
×
=
VOUTx = 1.2V, 1.3V, 1.8V, 2.5V or 3.3V
EN2
NC2
FB2
VIN2
LX2
FB1
RT8020
1
2
49
10
11
GND
LX1
GND
8
5
NC1
3, Exposed Pad (13)
12
VOUT2
L2
2.2uH
850k
4.7uF
CIN2
22pF
VIN1
7
6
EN1
VIN1
4.7uF
L1
2.2uH
R22
4.7uF
VOUT1
850k
22pF
4.7uF
R12
VIN2
C11
COUT1
CIN1
COUT2
C21
R11
R21
EN2
NC2
FB2
VIN2
LX2
FB1
RT8020
1
2
49
10
11
GND
LX1
GND
8
5 NC1
12
VOUT2
L2
2.2uH
CIN2
4.7uF
VIN1
7
6
EN1
VIN1
4.7uF
L1
2.2uH
4.7uF
VOUT1
4.7uF
VIN2
COUT1
CIN1
COUT2
3, Exposed Pad (13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com