Electronic Components Datasheet Search
  English  ▼

X  

RT8801 Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT8801
Description  Multi-Phase PWM Controller for CPU Core Power Supply with Serial Programming Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8801 Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT8801 Datasheet HTML 15Page - Richtek Technology Corporation RT8801 Datasheet HTML 16Page - Richtek Technology Corporation RT8801 Datasheet HTML 17Page - Richtek Technology Corporation RT8801 Datasheet HTML 18Page - Richtek Technology Corporation RT8801 Datasheet HTML 19Page - Richtek Technology Corporation RT8801 Datasheet HTML 20Page - Richtek Technology Corporation RT8801 Datasheet HTML 21Page - Richtek Technology Corporation RT8801 Datasheet HTML 22Page - Richtek Technology Corporation RT8801 Datasheet HTML 23Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
RT8801
22
DS8801-04
August 2007
www.richtek.com
Preliminary
All brandname or trademark belong to their owner respectively
Figure 27. Layout Consideration
Figure 28
Figure 29
Figure 31
Figure 30
PWM
RT
VOSS
ADJ
VDD
COMP
FB
RT8801
CSPx
+5V
SB
C
BP
C
C
R
CSN
C
OUT
R
C
R
FB
Next to IC
Locate next
to FB Pin
Kelvin
Sense
L
O1
V
CORE
C
IN
Locate near MOSFETs
C
BOOT
+12V or +5V
0.1uF
+12V
For Thermal Couple
VCC
PWM1
GND
BOOT1
UGATE1
PHASE1
LGATE1
RT9607
PVCC
Next to IC
GND
SGND
CSN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com