Electronic Components Datasheet Search
  English  ▼

X  

RT8805 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT8805
Description  Two Phase General Purpose PWM Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8805 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT8805 Datasheet HTML 1Page - Richtek Technology Corporation RT8805 Datasheet HTML 2Page - Richtek Technology Corporation RT8805 Datasheet HTML 3Page - Richtek Technology Corporation RT8805 Datasheet HTML 4Page - Richtek Technology Corporation RT8805 Datasheet HTML 5Page - Richtek Technology Corporation RT8805 Datasheet HTML 6Page - Richtek Technology Corporation RT8805 Datasheet HTML 7Page - Richtek Technology Corporation RT8805 Datasheet HTML 8Page - Richtek Technology Corporation RT8805 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT8805
Preliminary
2
DS8805-01 November 2005
www.richtek.com
Typical Application Circuit
Function Block Diagram
BOOT1
UGATE1
PHASE1
LGATE1
VCC
RT
IMAX
RT8805
2
14
5
3
15
16
1
BOOT2
UGATE2
LGATE2
PGOOD
V
IN
12
11
10
V
OUT
7
6
AGND
COMP
SS
PHASE2
12V
CC
4
13
EN
GND
9
8
FB
R1
R2
R3
R4
R5
C1
C2
C3
C4
C5
C6
C7
C8
L1
L2
Q1
Q2
Q3
Q4
3.3V
CC
R8
Q5
R9
C9
PWM1
Logic
V
CC
PWM2
Logic
V
CC
V
CC
-
+
+
-
RAMP2
RAMP1
External
Soft Star
+
-
Current
Balance
OCP
S/H
+
-
MUX
PGOOD
FB
COMP
SS
AGND
RT
GND
PHASE1
PHASE2
LGATE2
PHASE2
UGATE2
BOOT2
LGATE1
PHASE1
UGATE1
BOOT1
V
CC
CLK2
CLK1
Clock
CLK1
CLK2
VCC
Reg
V
DD
Central
Logic
PGOOD
To PWM Logic
OC
OC
IMAX
PWMCP
PWMCP
GM
0.8V
EA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com