Electronic Components Datasheet Search
  English  ▼

X  

RT9005APSP Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9005APSP
Description  DDR VDDQ and Termination Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9005APSP Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9005APSP Datasheet HTML 1Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 2Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 3Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 4Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 5Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 6Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 7Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 8Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RT9005A/B
Preliminary
5
DS9005A/B-01 September 2007
www.richtek.com
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
IOUT = +2A
Load Regulation
(Note 7)
ΔVLOAD
IOUT = −2A
−20
--
+20
mV
VOUT2 Current Limit
ILIM2
2.2
--
--
A
Protection
Thermal Shutdown Temperature TSD
--
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
--
35
--
°C
REFEN Shutdown
VIH
Enable
0.6
--
--
Shutdown Threshold
VIL
Shutdown
--
--
0.2
V
Note 1. Stresses listed as the above "Absolute Maximum Ratings" may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3. The device is not guaranteed to function outside its operating conditions.
Note 4.
θJA is measured in the natural convection at TA = 25°C on a high effective thermal conductivity test board (4 Layers,
2S2P) of JEDEC 51-7 thermal measurement standard. The case point of
θJC is on the expose pad for SOP-8 (Exposed
Pad) package.
Note 5. VOUT2 Standby current is the input current drawn by a regulator when the output voltage is disabled by a shutdown
signal on REFEN pin (VIL < 0.2V). It is measured with VIN2 = VCNTL = 5V.
Note 6. The dropout voltage is defined as VIN -VOUT, which is measured when VOUT is VOUT(NORMAL)
− 100mV.
Note 7. Regulation is measured at constant junction temperature by using a 5ms current pulse. Devices are tested for load
regulation in the load range from 0A to 2A.
Note 8. VOS offset is the voltage measurement defined as VOUT subtracted from VREFEN.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com