Electronic Components Datasheet Search
  English  ▼

X  

RT9005APSP Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9005APSP
Description  DDR VDDQ and Termination Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9005APSP Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9005APSP Datasheet HTML 2Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 3Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 4Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 5Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 6Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 7Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 8Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 9Page - Richtek Technology Corporation RT9005APSP Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RT9005A/B
Preliminary
7
DS9005A/B-01 September 2007
www.richtek.com
VIN1 = VIN2 = VCNTL = 3.3V, IOUT2 = 50mA to 2A
VOUT2 @ 2A Load Transient Response
Time (500
μs/Div)
VOUT1
(20mV/Div)
VOUT2
(20mV/Div)
IOUT2
(2A/Div)
Source
VIN1 = VIN2 = VCNTL = 3.3V, IOUT2 = 50mA to 2A
VOUT2 @ 2A Load Transient Response
Time (500
μs/Div)
VOUT1
(20mV/Div)
VOUT2
(20mV/Div)
IOUT2
(2A/Div)
Sink
VIN1 = VIN2 = VCNTL = 3.3V, IOUT1 = 50mA to 1.5A
VOUT1 @ 1.5A Load Transient Response
Time (500
μs/Div)
VOUT1
(100mV/Div)
VOUT2
(100mV/Div)
IOUT1
(1A/Div)
VIN2 = VCNTL = 3.3V, ILOAD = 1A
Line Transient Response
VIN1
(V)
Time (500
μs/Div)
VOUT1
(100mV/Div)
4.3
3.3
VOUT2
(100mV/Div)
VIN1 = VIN2 = VCNTL = 3.3V, IOUT1 = 50mA to 1A
VOUT1 @ 1A Load Transient Response
Time (500
μs/Div)
VOUT1
(50mV/Div)
VOUT2
(50mV/Div)
IOUT1
(1A/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com