Electronic Components Datasheet Search
  English  ▼

X  

RT9017 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9017
Description  500mA Peak, Thermal Folded Back CMOS LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9017 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9017 Datasheet HTML 1Page - Richtek Technology Corporation RT9017 Datasheet HTML 2Page - Richtek Technology Corporation RT9017 Datasheet HTML 3Page - Richtek Technology Corporation RT9017 Datasheet HTML 4Page - Richtek Technology Corporation RT9017 Datasheet HTML 5Page - Richtek Technology Corporation RT9017 Datasheet HTML 6Page - Richtek Technology Corporation RT9017 Datasheet HTML 7Page - Richtek Technology Corporation RT9017 Datasheet HTML 8Page - Richtek Technology Corporation RT9017 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RT9017
Preliminary
1
DS9017-03 August 2007
www.richtek.com
500mA Peak, Thermal Folded Back CMOS LDO Regulator
General Description
The RT9017 is designed for portable RF and wireless
applications with demanding performance and space
requirements. The RT9017 performance is optimized for
battery-powered systems to deliver ultra low noise and
low quiescent current. Regulator ground current increases
only slightly in dropout, further prolonging the battery life.
The RT9017 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in hand-held wireless devices. The
RT9017 consumes less than 0.01
μA in shutdown mode
and has fast turn-on time less than 50
μs. RT9017 is short
circuit thermal folded back protected. RT9017 lowers its
OTP trip point from 165
°C to 110°C when output short
circuit occurs (VOUT < 0.4V) providing maximum safety to
end users. The other features include ultra low dropout
voltage, high output accuracy, current limiting protection,
and high ripple rejection ratio. Available in the SOT-23-3,
SOT-23-5 and WDFN-6L 2x2 packages, the RT9017 also
offers a range of 1.5V to 3.5V with 0.1V per step.
Applications
CDMA/GSM Cellular Handsets
Battery-Powered Equipment
Laptop, Palmtops, Notebook Computers
Hand-Held Instruments
PCMCIA Cards
Portable Information Appliances
Ordering Information
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
Features
Short Circuit Thermal Folded Back Protection
Low-Noise for RF Application
Fast Response in Line/Load Transient
Quick Start-Up (Typically 50
μμμμμs)
0.01
μμμμμA Standby Current When Shutdown
Low Dropout : 380mV @ 500mA
Wide Operating Voltage Ranges : 2.5V to 5.5V
TTL-Logic-Controlled Shutdown Input
Low Temperature Coefficient
Current Limiting Protection
Thermal Shutdown Protection
Only 1
μμμμμF Output Capacitor Required for Stability
High Power Supply Rejection Ratio
Custom Voltage Available
RoHS Compliant and 100% Lead (Pb)-Free
Pin Configurations
(TOP VIEW)
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
SOT-23-3
1
2
3
GND
VOUT
VIN
RT9017-
Package Type
V : SOT-23-3
B : SOT- 23-5
BR : SOT- 23-5 (R-Type)
QW : WDFN-6L 2x2 (W-Type)
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Output Voltage
15 : 1.5V
16 : 1.6V
:
34 : 3.4V
35 : 3.5V
1H : 1.85V
2H : 2.85V
EN
GND
NC
NC
VOUT
VIN
5
4
1
2
3
6
7
WDFN-6L 2x2


Similar Part No. - RT9017

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9010 RICHTEK-RT9010 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9010-12GJ6 RICHTEK-RT9010-12GJ6 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9010-12PJ6 RICHTEK-RT9010-12PJ6 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9010-13GJ6 RICHTEK-RT9010-13GJ6 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
RT9010-13PJ6 RICHTEK-RT9010-13PJ6 Datasheet
245Kb / 10P
300mA LDO Regulator with POR
More results

Similar Description - RT9017

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219 Datasheet
118Kb / 12P
500mA-Peak Output LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
500mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9016 RICHTEK-RT9016 Datasheet
299Kb / 11P
500mA Peak, Thermal Folded Back CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5219 MICREL-MIC5219_01 Datasheet
97Kb / 13P
500mA-Peak Output LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
500mA CMOS LDO Regulator
logo
Micrel Semiconductor
MIC5216 MICREL-MIC5216_07 Datasheet
294Kb / 13P
500mA-Peak Output LDO Regulator
MIC5219 MICREL-MIC5219_09 Datasheet
405Kb / 14P
500mA-Peak Output LDO Regulator
logo
Richtek Technology Corp...
RT9193T RICHTEK-RT9193T Datasheet
296Kb / 12P
300mA, Thermal Folded Back CMOS LDO Regulator
RT9198T RICHTEK-RT9198T Datasheet
290Kb / 12P
300mA, Thermal Folded Back CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com