Electronic Components Datasheet Search
  English  ▼

X  

RT9017 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9017
Description  500mA Peak, Thermal Folded Back CMOS LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9017 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9017 Datasheet HTML 1Page - Richtek Technology Corporation RT9017 Datasheet HTML 2Page - Richtek Technology Corporation RT9017 Datasheet HTML 3Page - Richtek Technology Corporation RT9017 Datasheet HTML 4Page - Richtek Technology Corporation RT9017 Datasheet HTML 5Page - Richtek Technology Corporation RT9017 Datasheet HTML 6Page - Richtek Technology Corporation RT9017 Datasheet HTML 7Page - Richtek Technology Corporation RT9017 Datasheet HTML 8Page - Richtek Technology Corporation RT9017 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RT9017
Preliminary
2
DS9017-03 August 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin Name
Pin Function
EN
Chip Enable (Active High). Note that this pin is high impedance. There should be a pull low 100k
Ω
resistor connected to GND when the control signal is floating.
NC
No Internal Connection.
GND
Ground.
VOUT
Output Voltage.
VIN
Input Voltage.
Typical Application Circuit
VIN
GND
NC
VOUT
EN
2
3
5
4
1
SOT-23-5 (R-Type)
SOT-23-5
EN
NC
VOUT
VIN
GND
2
3
5
4
1
VIN
GND
VOUT
RT9017
C
OUT
1uF
C
IN
1uF
V
IN
V
OUT
EN
Chip Enable
EN
Current-Limit
and
Thermal
Protection
MOS Driver
-
VOUT
Shutdown
and
Logic Control
VIN
Error
Amplifier
V
REF
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com