Electronic Components Datasheet Search
  English  ▼

X  

RT9022 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9022
Description  High Voltage, Low Quiescent, 60mA LDO Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9022 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9022 Datasheet HTML 1Page - Richtek Technology Corporation RT9022 Datasheet HTML 2Page - Richtek Technology Corporation RT9022 Datasheet HTML 3Page - Richtek Technology Corporation RT9022 Datasheet HTML 4Page - Richtek Technology Corporation RT9022 Datasheet HTML 5Page - Richtek Technology Corporation RT9022 Datasheet HTML 6Page - Richtek Technology Corporation RT9022 Datasheet HTML 7Page - Richtek Technology Corporation RT9022 Datasheet HTML 8Page - Richtek Technology Corporation RT9022 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9022
Preliminary
3
DS9022-00
September 2007
www.richtek.com
Electrical Characteristics
(VIN = VEN = 15V, CIN = 1
μF, COUT = 2.2μF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test C onditions
Min
Typ
Max
Units
Input Power
Quiescent Current
IOUT = 0mA
--
40
80
μA
Standby Current
EN = GND
--
--
1
μA
Reference Voltage
Feedback Voltage
VFB = VOUT, ILOAD = 1mA
--
1.25
--
V
Feedback Voltage Tolerance
−1.5
--
+1.5
%
Feedback Input Current
VFB = 1.3V
--
10
--
nA
Soft Start
Soft Start Current
--
1.5
--
μA
Output
Output Current Limit
ILIM
VIN = 15V, VOUT = 14V,
ROUT = 50Ω
60
80
--
mA
Output Reverse Leakage Current
VIN = Unconnected,
Output set to 5V
--
30
--
μA
Dropout Voltage
ILOAD = 30mA, VOUT = 14V
--
0.2
0.3
V
Power Supply Rejection Rate
f = 120Hz, VIN = VOUT + 1V,
IOUT = 10mA
--
65
--
dB
f = 10KHz, VIN = VOUT + 1V,
IOUT = 10mA
--
55
--
dB
Discharge Current
EN = High to Low, VOUT = 14V
--
20
--
mA
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------- 21V
Enable Voltage, VEN -------------------------------------------------------------------------------------------------- 18V
Power Dissipation, PD @ TA = 25°C
SOT-23-6/TSOT-23-6 -------------------------------------------------------------------------------------------------- 300mW
SC-70-6 ------------------------------------------------------------------------------------------------------------------ 225mW
Package Thermal Resistance (Note 4)
SOT-23-6/TSOT-23-6,
θJA -------------------------------------------------------------------------------------------- 250°C/W
SC-70-6,
θJA ------------------------------------------------------------------------------------------------------------ 333°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 3)
Supply Input Voltage, VIN -------------------------------------------------------------------------------------------- 5V to 20V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 100°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com