Electronic Components Datasheet Search
  English  ▼

X  

RT9133APB Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9133APB
Description  Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9133APB Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9133APB Datasheet HTML 3Page - Richtek Technology Corporation RT9133APB Datasheet HTML 4Page - Richtek Technology Corporation RT9133APB Datasheet HTML 5Page - Richtek Technology Corporation RT9133APB Datasheet HTML 6Page - Richtek Technology Corporation RT9133APB Datasheet HTML 7Page - Richtek Technology Corporation RT9133APB Datasheet HTML 8Page - Richtek Technology Corporation RT9133APB Datasheet HTML 9Page - Richtek Technology Corporation RT9133APB Datasheet HTML 10Page - Richtek Technology Corporation RT9133APB Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9133A/B
Preliminary
7
DS9133A/B-04 August 2007
www.richtek.com
PSRR vs. Frequency
-40
-20
0
20
40
60
80
100
1000
10000
100000
1000000
Frequency (Hz)
VS =
±5V
TA = 25°C
100
1k
10k
100k
1M
PSRR-
PSRR+
Slew Transient Response
Time (250ns/Div)
VOUT
V+
(2V/Div)
(2V/Div)
VS =
±5V
AV = 1
Slew Transient Response
Time (250ns/Div)
VOUT
V+
(1V/Div)
(1V/Div)
VS =
±5V
AV = 1
Large Signal Transient Response
Time (1
μs/Div)
VOUT
V+
(2V/Div)
(2V/Div)
VS =
±7V
AV = 1
Small Signal Transient Response
Time (250ns/Div)
VOUT
V+
(100mV/Div)
(100mV/Div)
VS =
±5V
AV = 1
Frequency Response for Various CL
-30
-20
-10
0
10
20
100000
1000000
10000000
100000000
Frequency (Hz)
VS =
±5V
RL = 10k
Ω
AV = 1
100k
1M
10M
100M
CL = 12pF
CL = 50pF
CL = 100pF
CL = 1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com