Electronic Components Datasheet Search
  English  ▼

X  

RT9133APB Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9133APB
Description  Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9133APB Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9133APB Datasheet HTML 1Page - Richtek Technology Corporation RT9133APB Datasheet HTML 2Page - Richtek Technology Corporation RT9133APB Datasheet HTML 3Page - Richtek Technology Corporation RT9133APB Datasheet HTML 4Page - Richtek Technology Corporation RT9133APB Datasheet HTML 5Page - Richtek Technology Corporation RT9133APB Datasheet HTML 6Page - Richtek Technology Corporation RT9133APB Datasheet HTML 7Page - Richtek Technology Corporation RT9133APB Datasheet HTML 8Page - Richtek Technology Corporation RT9133APB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9133A/B
Preliminary
1
DS9133A/B-04 August 2007
www.richtek.com
Features
Rail-to-Rail Output Swing
Supply Voltage : 4.5V to 15V
Continuous Output Current : 35mA
Peak Output Current : 120mA
High Slew Rate : 12V/
μμμμμs
Offset Voltage : 10mV
RoHS Compliant and 100% Lead (Pb)-Free
Applications
TFT-LCDGamma / VCOM Buffer
Portable Electronic Product
Communications Product
Rail-to-Rail Operational Amplifier
Ordering Information
General Description
The RT9133A/B consist low cost, high slew rates, single-
supply rail-to-rail input and output operation amplifiers.
The RT9133A contains a single amplifier and RT9133B
contains two amplifiers. The RT9133A/B have high slew
rates (12V/us), 35mA continuous output current, 120mA
peak output current and offset voltage below 10mV. The
RT9133A/B are ideal for Thin Film Transistor Liquid Crystal
Displays (TFT-LCD).
The RT9133A is available in SOT-23-5 and WDFN-6L 2x2
packages. The RT9133B is available in MSOP-8 package.
The RT9133A/B are specified for operation over the full
−40°C to +85°C temperature range.
Pin Configurations
(TOP VIEW)
MSOP-8
SOT-23-5
5
6
7
8
4
3
2
VOUTA
VS-
VINA+
VINA-
VS+
VOUTB
VINB-
VINB+
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
VOUT VS-
VS+
VIN-
VIN+
1
23
4
5
Marking Information
For marking information, contact our sales representative
directly or through a Richtek distributor located in your
area, otherwise visit our website for detail.
WDFN-6L 2x2
RT9133A/B
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
A : Single Amplifier
B : Dual Amplifier
Package Type
QW : WDFN-6L 2x2 (Single only)
B : SOT-23-5 (Single only)
F : MSOP-8 (Dual only)
VS-
NC
VIN+
VIN-
VOUT
VS+
5
4
1
2
3
6
7


Similar Part No. - RT9133APB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9131 ETC1-RT9131 Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
RT9131CN ETC1-RT9131CN Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
RT9131CS ETC1-RT9131CS Datasheet
215Kb / 6P
Class AB stereo Headphone Drive with Mute
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
RT9134GC RICHTEK-RT9134GC Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
More results

Similar Description - RT9133APB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9134 RICHTEK-RT9134 Datasheet
227Kb / 11P
Rail-to-Rail Quad Operational Amplifier
logo
Advanced Linear Devices
ALD1712 ALD-ALD1712_10 Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
logo
ON Semiconductor
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
NCS20061 ONSEMI-NCS20061_16 Datasheet
774Kb / 20P
Operational Amplifier Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20081 ONSEMI-NCS20081_16 Datasheet
754Kb / 20P
Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
logo
Richtek Technology Corp...
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
Rail-to-Rail Operational Amplifier
logo
ADL Embedded Solutions
ALD1712A ADL-ALD1712A Datasheet
85Kb / 9P
RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com