Electronic Components Datasheet Search
  English  ▼

X  

RT9134PC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9134PC
Description  Rail-to-Rail Quad Operational Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9134PC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9134PC Datasheet HTML 1Page - Richtek Technology Corporation RT9134PC Datasheet HTML 2Page - Richtek Technology Corporation RT9134PC Datasheet HTML 3Page - Richtek Technology Corporation RT9134PC Datasheet HTML 4Page - Richtek Technology Corporation RT9134PC Datasheet HTML 5Page - Richtek Technology Corporation RT9134PC Datasheet HTML 6Page - Richtek Technology Corporation RT9134PC Datasheet HTML 7Page - Richtek Technology Corporation RT9134PC Datasheet HTML 8Page - Richtek Technology Corporation RT9134PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
RT9134
Preliminary
5
DS9134-04
August 2007
www.richtek.com
Typical Operating Characteristics
Frequency Response for Various RL
-15
-10
-5
0
5
100000
1000000
10000000
100000000
Frequency (Hz)
VS =
±5V
CL = 10pF
AV = 1
100k
1M
10M
100M
RL = 10k
Ω
RL = 150
Ω
RL = 1k
Ω
RL = 560
Ω
Quisient current vs. Temperature
0.4
0.42
0.44
0.46
0.48
0.5
0.52
0.54
0.56
-50
-30
-10
10
30
50
70
90
110 130 150
Temperature
VS =
±5V
(
°C)
Output Low Voltage vs. Temperature
-4.93
-4.925
-4.92
-4.915
-4.91
-4.905
-4.9
-4.895
-4.89
-4.885
-4.88
-50
-30
-10
10
30
50
70
90
110 130 150
Temperature
VS =
±5V
IOUT =
−5mA
(
°C)
Quescent Current vs. Supply Voltage
0.4
0.42
0.44
0.46
0.48
0.5
0.52
456789
10
11
12
13
14
15
Supply Voltage (V)
TA = 25°C
Output High Voltage vs. Temperature
4.8
4.82
4.84
4.86
4.88
4.9
4.92
4.94
4.96
4.98
5
-50
-30
-10
10
30
50
70
90
110 130 150
Temperature
VS =
±5V
IOUT = 5mA
(
°C)
Slew Rate vs. Temperature
9
9.5
10
10.5
11
11.5
12
12.5
-50
-30
-10
10
30
50
70
90
110 130 150
Temperature
VS =
±5V
(
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com